Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5TQ2G83CFR Datasheet (PDF) - Hynix Semiconductor

H5TQ2G83CFR Datasheet PDF - Hynix Semiconductor
Part # H5TQ2G83CFR
Download  H5TQ2G83CFR Download
File Size   402.44 Kbytes
Page   33 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 2Gb DDR3 SDRAM

H5TQ2G83CFR Datasheet (PDF)

Go To PDF Page Download Datasheet
H5TQ2G83CFR Datasheet PDF - Hynix Semiconductor

Part # H5TQ2G83CFR
Download  H5TQ2G83CFR Click to download

File Size   402.44 Kbytes
Page   33 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 2Gb DDR3 SDRAM

H5TQ2G83CFR Datasheet (HTML) - Hynix Semiconductor


H5TQ2G83CFR Product details

Description
The H5TQ2G43CFR-xxC, H5TQ2G83CFR-xxC are a 2,147,483,648-bit CMOS Double Data Rate III (DDR3) Synchronous DRAM, ideally suited for the main memory applications which requires large memory density and high bandwidth. SK hynix 2Gb DDR3 SDRAMs offer fully synchronous operations referenced to both rising and falling edges of the clock. While all addresses and control inputs are latched on the rising edges of the CK (falling edges of the CK), Data, Data strobes and Write data masks inputs are sampled on both rising and falling edges of it. The data paths are internally pipelined and 8-bit prefetched to achieve very high bandwidth.

FEATURES
• VDD=VDDQ=1.5V +/- 0.075V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and DQS transition with CK 
   transition
• DM masks write data-in at the both rising and falling 
   edges of the data strobe
• All addresses and control inputs except data, 
   data strobes and data masks latched on the 
   rising edges of the clock
• Programmable CAS latency 5, 6, 7, 8, 9, 10, 11, 12, 13
   and 14 supported
• Programmable additive latency 0, CL-1, and CL-2 
   supported
• Programmable CAS Write latency (CWL) = 5, 6, 7, 8, 9, 10
• Programmable burst length 4/8 with both nibble 
   sequential and interleave mode
• BL switch on the fly
• 8banks
• Average Refresh Cycle (Tcase of0 oC~ 95oC)
   - 7.8 µs at 0oC ~ 85 oC
   - 3.9 µs at 85oC ~ 95 oC
• JEDEC standard 78ball FBGA(x4/x8)
• Driver strength selected by EMRS
• Dynamic On Die Termination supported
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• 8 bit pre-fetch
• This product in compliance with the RoHS directive.




Similar Part No. - H5TQ2G83CFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G83CFR-G7C HYNIX-H5TQ2G83CFR-G7C Datasheet
402Kb / 33P
2Gb DDR3 SDRAM
H5TQ2G83CFR-H9C HYNIX-H5TQ2G83CFR-H9C Datasheet
402Kb / 33P
2Gb DDR3 SDRAM
H5TQ2G83CFR-PBC HYNIX-H5TQ2G83CFR-PBC Datasheet
402Kb / 33P
2Gb DDR3 SDRAM
H5TQ2G83CFR-RDC HYNIX-H5TQ2G83CFR-RDC Datasheet
402Kb / 33P
2Gb DDR3 SDRAM
H5TQ2G83CFR-TEC HYNIX-H5TQ2G83CFR-TEC Datasheet
402Kb / 33P
2Gb DDR3 SDRAM
More results


Similar Description - H5TQ2G83CFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
2Gb DDR3 SDRAM
logo
Elpida Memory
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
2GB DDR3 SDRAM SO-DIMM
logo
Hynix Semiconductor
H5TQ2G63BFR HYNIX-H5TQ2G63BFR Datasheet
1Mb / 93P
2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
2Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
2Gb DDR3 SDRAM
H5TQ2G83DFR HYNIX-H5TQ2G83DFR Datasheet
408Kb / 34P
2Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
2Gb DDR3 SDRAM
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com