Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1088AS Datasheet (PDF) - List of Unclassifed Manufacturers

1088AS Datasheet PDF - List of Unclassifed Manufacturers
Part # 1088AS
Download  1088AS Download
File Size   174.31 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LED 8x8 matrix 3mm 1088AS

1088AS Datasheet (PDF)

Go To PDF Page Download Datasheet
1088AS Datasheet PDF - List of Unclassifed Manufacturers

Part # 1088AS
Download  1088AS Click to download

File Size   174.31 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LED 8x8 matrix 3mm 1088AS

1088AS Datasheet (HTML) - List of Unclassifed Manufacturers


1088AS Product details

8x8 Dot Matrix LED Display Red 3mm Row Cathode







 



Specifications

Emitted Colour: Red

Face Color: Black

Type: Row Cathode Column Anode

Wavelength : 625 ~ 630nm

Forward Voltage : 2.1V ~ 2.5V

Forward Current: 20mA

Dimesions: 32mm x 32mm x 8.0mm




Similar Part No. - 1088AS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1088A BELDEN-1088A Datasheet
151Kb / 2P
Inst, 50 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 300V 600V TC 150V NPLF 90 Dry 75 Wet
01-04-2024
More results


Similar Description - 1088AS

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
2.30 inch 8x8 RGB Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
2.00 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
1.90 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
1.90 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
1.50 inch 8x8 Dot Matrix LED Display
logo
List of Unclassifed Man...
GMC24IB88 ETC2-GMC24IB88 Datasheet
333Kb / 8P
2.4??8x8 Dot Matrix
GMC15IB88 ETC1-GMC15IB88 Datasheet
319Kb / 8P
1.5inch 8x8 Dot Matrix
logo
JFW Industries, Inc.
50MS-288 JFW-50MS-288 Datasheet
65Kb / 1P
8x8 MATRIX SWITCH
50MS-300 JFW-50MS-300 Datasheet
65Kb / 1P
8x8 MATRIX SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com