Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP291 Datasheet (PDF) - Toshiba Semiconductor

TLP291 Datasheet PDF - Toshiba Semiconductor
Part # TLP291
Download  TLP291 Download
File Size   290.45 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description GaAs IRED & PHOTO-TRANSISTOR

TLP291 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP291 Datasheet PDF - Toshiba Semiconductor

Part # TLP291
Download  TLP291 Click to download

File Size   290.45 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description GaAs IRED & PHOTO-TRANSISTOR

TLP291 Datasheet (HTML) - Toshiba Semiconductor


TLP291 Product details

Power Supplies Programmable Controllers Hybrid ICs

TLP291 consists of photo transistor, optically coupled to a gallium arsenide infrared emitting diode. TLP291 is housed in the SO4 package, very small and thin coupler.
Since TLP291 is guaranteed wide operating temperature (Ta=-55 to 110 ˚C) and high isolation voltage (3750Vrms), it’s suitable for high-density surface mounting applications such as small switching power supplies and programmable controllers.

● Collector-Emitter Voltage : 80 V (min)
● Current Transfer Ratio : 50% (min)
   Rank GB : 100% (min)
● Isolation Voltage : 3750 Vrms (min)
● Operation temperature: -55 to 110 ˚C
● UL recognized : UL1577, File No. E67349
● cUL approved : CSA Component Acceptance Service No.5A,
   File No. 67349
● SEMKO aprroved:
   EN 60065: 2002, Approved no. 1200315
   EN 60950-1: 2001, EN 60335-1: 2002,
   Approved no. 1200315
● BSI approved
   : BS EN 60065: 2002, Approved no. 9036
   : BS EN 60950-1: 2006, Approved no. 9037
● Option (V4)
   VDE approved: EN 60747-5-5 Certificate, No. 40009347
   Maximum operating insulation voltage: 707 Vpk
   Highest permissible over-voltage: 6000 Vpk
   (Note) When a EN 60747-5-5 approved type is needed,
      please designate the “Option(V4)”
   Construction Mechanical Rating
      Creepage distance:5.0mm(min)
      Clearance:5.0mm(min)
      Insultion thickness:0.4mm(min)




Similar Part No. - TLP291

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP291-4 TOSHIBA-TLP291-4 Datasheet
343Kb / 11P
Photocouplers Infrared LED & Photo Transistor
2019-11-29 Rev.8.0
TLP291-4GB-TP,ET TOSHIBA-TLP291-4GB-TP,ET Datasheet
343Kb / 11P
Photocouplers Infrared LED & Photo Transistor
2019-11-29 Rev.8.0
TLP291-4 TOSHIBA-TLP291-4_V01 Datasheet
343Kb / 11P
Photocouplers Infrared LED & Photo Transistor
2019-11-29 Rev.8.0
More results


Similar Description - TLP291

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP421 TOSHIBA-TLP421 Datasheet
188Kb / 9P
Photocoupler GaAs Ired & Photo - Transistor
TLP181 TOSHIBA-TLP181 Datasheet
359Kb / 8P
GaAs IRED and PHOTO-TRANSISTOR
TLP633 TOSHIBA-TLP633 Datasheet
385Kb / 7P
GaAs IRED AND PHOTO-TRANSISTOR
TLP627 TOSHIBA-TLP627_07 Datasheet
758Kb / 8P
GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
GaAs IRed & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP283 TOSHIBA-TLP283_07 Datasheet
306Kb / 7P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
GaAs Ired & Photo−Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com