Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23509 Datasheet (PDF) - Belden Inc.

23509 Datasheet PDF - Belden Inc.
Part # 23509
Download  23509 Download
File Size   109.99 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 23509 Multi-Conductor - 300V ACIC Armored Cable

23509 Datasheet (PDF)

Go To PDF Page Download Datasheet
23509 Datasheet PDF - Belden Inc.

Part # 23509
Download  23509 Click to download

File Size   109.99 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 23509 Multi-Conductor - 300V ACIC Armored Cable

23509 Datasheet (HTML) - Belden Inc.


23509 Product details

Description:
16 AWG pairs stranded (7x24) tinned copper conductors, individual Beldfoil® plus a polyester isolation
tape, overall Beldfoil shield (100% coverage), PVC insulation, PVC inner jacket, interlocked armor, PVC
outer jacket.




Similar Part No. - 23509

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2350968 FESTO-2350968 Datasheet
97Kb / 1P
Rotary actuator
More results


Similar Description - 23509

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KBL-1M-LOW MINI-KBL-1M-LOW Datasheet
332Kb / 1P
Armored Test Cable
KBL-2FT-LOW MINI-KBL-2FT-LOW Datasheet
332Kb / 1P
Armored Test Cable
KBL-2M-LOW MINI-KBL-2M-LOW Datasheet
333Kb / 1P
Armored Test Cable
KBL-4FT-LOW MINI-KBL-4FT-LOW Datasheet
332Kb / 1P
Armored Test Cable
APC-10FT-NMNM MINI-APC-10FT-NMNM Datasheet
341Kb / 1P
Armored Test Cable
APC-15FT-NMNM MINI-APC-15FT-NMNM Datasheet
341Kb / 1P
Armored Test Cable
logo
Belden Inc.
23527 BELDEN-23527 Datasheet
109Kb / 2P
23509 Multi-Conductor - 300V ACIC Armored Cable
9554 BELDEN-9554 Datasheet
112Kb / 3P
9554 Multi-Conductor - 300V Power-Limited Tray Cable
8412 BELDEN-8412 Datasheet
98Kb / 2P
8412 Multi-Conductor - Two-Conductor, Low-Impedance Cable
01-05-2017
25T00UP BELDEN-25T00UP Datasheet
139Kb / 2P
Audio Cable, 2 Conductor 10 AWG BC, Armored
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com