Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B39-01 Datasheet (PDF) - Analog Devices

5B39-01 Datasheet PDF - Analog Devices
Part # 5B39-01
Download  5B39-01 Download
File Size   689.37 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Current Output

5B39-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
5B39-01 Datasheet PDF - Analog Devices

Part # 5B39-01
Download  5B39-01 Click to download

File Size   689.37 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Current Output

5B39-01 Datasheet (HTML) - Analog Devices


5B39-01 Product details

PRODUCT OVERVIEW
The 5B Series represents an innovative generation of low cost, high performance plug-in signal conditioners. Designed for industrial applications, these modules incorporate highly reliable transformer-based isolation and automated surfacemount manufacturing technology. They are compact, economical components whose performance exceeds that available from more expensive devices. Combining 1500 V rms continuous isolation, +0.05% calibrated accuracy, small size and low cost, the 5B Series is an attractive alternative to expensive signal conditioners and in-house designs

FEATURES
    Converts a High-level analog input voltage into a floating
        proportional output current.
    Output current of 4 to 20 mA or 0 to 20 mA across loads from
        0Ω to 750Ω.
    High Accuracy of +0.05%, Low nonlinearity of +0.02%.
    Module circuitry can withstand 240v rms at the input screw terminals.
    All 5B39 series modules are mix-and-match and Hot Swappable.

APPLICATIONS
    Industrial signal conditioning
    Industrial signal isolation
    Industrial signal filtering




Similar Part No. - 5B39-01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B39 AD-5B39_15 Datasheet
695Kb / 8P
Isolated Current Output
REV. 0
More results


Similar Description - 5B39-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2B23 ETC1-2B23 Datasheet
29Kb / 1P
Programmable Output, Isolated Voltage-to-Current Converter
logo
Analog Devices
3B39 AD-3B39 Datasheet
385Kb / 8P
Isolated Process Current Output
7B39 AD-7B39 Datasheet
531Kb / 8P
Isolated, Process Current Output
REV. 0
logo
Intronics Power, Inc.
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
Programmable Output, Isolated Voltage-to-Current Converter
logo
Analog Devices
3B39 AD-3B39_15 Datasheet
386Kb / 8P
Isolated Process Current Output
REV. 0
5B39 AD-5B39_15 Datasheet
695Kb / 8P
Isolated Current Output
REV. 0
7B39 AD-7B39_15 Datasheet
532Kb / 8P
Isolated, Process Current Output
REV. 0
2B23 AD-2B23_15 Datasheet
2Mb / 4P
PROGRAMMABLE OUTPUT ISOLATED VOLTATGE TO CURRENT CONVERTER
logo
Vicor Corporation
24V VICOR-24V Datasheet
606Kb / 15P
Isolated output
logo
Good Will Instrument Co...
PCS-1000I GWINSTEK-PCS-1000I Datasheet
537Kb / 2P
ISOLATED OUTPUT HIGH PRECISION CURRENT SHUNT METER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com