Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC70A102EH400 Datasheet (PDF) - Kemet Corporation

ALC70A102EH400 Datasheet PDF - Kemet Corporation
Part # ALC70A102EH400
Download  ALC70A102EH400 Download
File Size   70.3 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description ALC70, Aluminum Electrolytic, 1,000 uF, 20%, 400 VDC, -40/85째C

ALC70A102EH400 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALC70A102EH400 Datasheet PDF - Kemet Corporation

Part # ALC70A102EH400
Download  ALC70A102EH400 Click to download

File Size   70.3 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description ALC70, Aluminum Electrolytic, 1,000 uF, 20%, 400 VDC, -40/85째C

ALC70A102EH400 Datasheet (HTML) - Kemet Corporation




Similar Part No. - ALC70A102EH400

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC70A102EH450 KEMET-ALC70A102EH450 Datasheet
7Mb / 16P
Snap-In Aluminum Electrolytic Capacitors
9/16/2020
More results


Similar Description - ALC70A102EH400

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC70A151CB450 KEMET-ALC70A151CB450 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 150 uF, 20%, 450 VDC, -40/85째C
ALC70A221CD450 KEMET-ALC70A221CD450 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 220 uF, 20%, 450 VDC, -40/85째C
ALC70A331CD400 KEMET-ALC70A331CD400 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 330 uF, 20%, 400 VDC, -40/85째C
ALC70A471DF450 KEMET-ALC70A471DF450 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 470 uF, 20%, 450 VDC, -40/85째C
ALC70A821EH450 KEMET-ALC70A821EH450 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 820 uF, 20%, 450 VDC, -40/85째C
ALC70A821EF400 KEMET-ALC70A821EF400 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 820 uF, 20%, 400 VDC, -40/85째C
ALF70C102EH400 KEMET-ALF70C102EH400 Datasheet
98Kb / 1P
ALF70, Aluminum Electrolytic, 1,000 uF, 20%, 400 VDC, -40/85째C
ALF70G362KP400 KEMET-ALF70G362KP400 Datasheet
90Kb / 1P
ALF70, Aluminum Electrolytic, 3,600 uF, 20%, 400 VDC, -40/85째C
ALF70C102DD250 KEMET-ALF70C102DD250 Datasheet
92Kb / 1P
ALF70, Aluminum Electrolytic, 1,000 uF, 20%, 250 VDC, -40/85째C
ALF70G162EL400 KEMET-ALF70G162EL400 Datasheet
89Kb / 1P
ALF70, Aluminum Electrolytic, 1,600 uF, 20%, 400 VDC, -40/85째C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com