Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF2060A-RQ Datasheet (PDF) - Soshin electric Co., Ltd.

NF2060A-RQ Datasheet PDF - Soshin electric Co., Ltd.
Part # NF2060A-RQ
Download  NF2060A-RQ Download
File Size   141.38 Kbytes
Page   3 Pages
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.
Description Single-phase 2-line 250VAC

NF2060A-RQ Datasheet (PDF)

Go To PDF Page Download Datasheet
NF2060A-RQ Datasheet PDF - Soshin electric Co., Ltd.

Part # NF2060A-RQ
Download  NF2060A-RQ Click to download

File Size   141.38 Kbytes
Page   3 Pages
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.
Description Single-phase 2-line 250VAC

NF2060A-RQ Datasheet (HTML) - Soshin electric Co., Ltd.




Similar Part No. - NF2060A-RQ

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
NF2060C-RQ SOSHIN-NF2060C-RQ Datasheet
195Kb / 3P
Single-phase 2-line 500VAC Available 10-250A, Single-phase General-purpose
NF2060H-WP SOSHIN-NF2060H-WP Datasheet
202Kb / 3P
DC 48VDC For DC Only
More results


Similar Description - NF2060A-RQ

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
HF2000A-UP SOSHIN-HF2000A-UP Datasheet
192Kb / 5P
Single-phase 2-line 250VAC
HF3000A-TMA SOSHIN-HF3000A-TMA Datasheet
193Kb / 4P
3-phase 3-line 250VAC
HF3000A-UN SOSHIN-HF3000A-UN Datasheet
233Kb / 4P
3-phase 3-line 250VAC
NF2000A-SUM SOSHIN-NF2000A-SUM Datasheet
191Kb / 3P
Single-phase 2-line 250VAC
NF3000A-SLC SOSHIN-NF3000A-SLC Datasheet
405Kb / 3P
3-phase 3-line 250VAC
NF3000A-VZ SOSHIN-NF3000A-VZ Datasheet
269Kb / 4P
3-phase 3-line 250VAC
NF3000A-VZF SOSHIN-NF3000A-VZF Datasheet
219Kb / 3P
3-phase 3-line 250VAC
NF3000A-YXS SOSHIN-NF3000A-YXS Datasheet
653Kb / 5P
3-phase 3-line 250VAC
SF2000A-AS SOSHIN-SF2000A-AS Datasheet
99Kb / 2P
Single-phase 2-line 250VAC
SF3000A-AS SOSHIN-SF3000A-AS Datasheet
91Kb / 2P
3-phase 3-line 250VAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com