Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO2002B Datasheet (PDF) - TEKTRONIX, INC.

MSO2002B Datasheet PDF - TEKTRONIX, INC.
Part # MSO2002B
Download  MSO2002B Download
File Size   961.61 Kbytes
Page   18 Pages
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.
Description Mixed Signal Oscilloscopes

MSO2002B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSO2002B Datasheet PDF - TEKTRONIX, INC.

Part # MSO2002B
Download  MSO2002B Click to download

File Size   961.61 Kbytes
Page   18 Pages
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.
Description Mixed Signal Oscilloscopes

MSO2002B Datasheet (HTML) - TEKTRONIX, INC.


MSO2002B Product details

Mixed Signal Oscilloscopes

Offering up to 200 MHz bandwidth and 1 GS/s sample rate, the MSO/ DPO2000B Mixed Signal Oscilloscope Series from Tektronix delivers advanced debug features at an entry-level price. Quickly find and diagnose problems in complex designs with up to 20 channels for analyzing analog and digital signals. With a deep record length of 1 Mpoints standard on all channels, the MSO/DPO2000B lets you capture long windows of signal activity while maintaining fine timing resolution.

Key features
◾ Wave Inspector® controls provide easy navigation and automated search of waveform data
◾ FilterVu™ variable low-pass filter allows for removal of unwanted signal noise while still capturing high-frequency events
◾ 29 automated measurements, and FFT analysis for simplified waveform analysis
◾ TekVPI® probe interface supports active, differential, and current probes for automatic scaling and units
◾ 7 in. (180 mm) wide-screen TFT-LCD color display
◾ Small footprint and lightweight - only 5.3 in. (134 mm) deep and 7 lb. 14 oz. (3.6 kg)
◾ Five-year warranty

Key performance specifications
◾ 200, 100, 70 MHz bandwidth models
◾ 2 and 4 analog channel models
◾ 16 digital channels (MSO series)
◾ 1 GS/s sample rate on all channels
◾ 1 megapoint record length on all channels
◾ 5,000 wfm/s maximum waveform capture rate
◾ Suite of advanced triggers




Similar Part No. - MSO2002B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSO2002B ETC2-MSO2002B Datasheet
1Mb / 18P
Mixed Signal Oscilloscopes
More results


Similar Description - MSO2002B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPO3EMBD ETC2-DPO3EMBD Datasheet
1Mb / 22P
Mixed Signal Oscilloscopes
MSO2000B ETC2-MSO2000B Datasheet
1Mb / 18P
Mixed Signal Oscilloscopes
MSO4000B ETC2-MSO4000B Datasheet
1Mb / 26P
Mixed Signal Oscilloscopes
MSO5000B ETC2-MSO5000B Datasheet
2Mb / 28P
Mixed Signal Oscilloscopes
MSO70000 ETC2-MSO70000 Datasheet
8Mb / 42P
Digital and Mixed Signal Oscilloscopes
logo
TEKTRONIX, INC.
MSO5000B TEKTRONIX-MSO5000B Datasheet
2Mb / 28P
Mixed Signal Oscilloscopes
MSODPO70000 TEKTRONIX-MSODPO70000 Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
logo
Teledyne Technologies I...
MS-500 TELEDYNE-MS-500 Datasheet
1Mb / 8P
Mixed Signal Oscilloscopes
logo
TEKTRONIX, INC.
MSO3000 TEKTRONIX-MSO3000 Datasheet
2Mb / 20P
Mixed Signal Oscilloscopes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com