Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C198 Datasheet (PDF) - Intel Corporation

87C198 Datasheet PDF - Intel Corporation
Part # 87C198
Download  87C198 Download
File Size   833.87 Kbytes
Page   19 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER

87C198 Datasheet (PDF)

Go To PDF Page Download Datasheet
87C198 Datasheet PDF - Intel Corporation

Part # 87C198
Download  87C198 Click to download

File Size   833.87 Kbytes
Page   19 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER

87C198 Datasheet (HTML) - Intel Corporation


87C198 Product details

COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER

The 8XC198 family offers low-cost entry into Intel’s powerful MCSÉ-96 16-bit microcontroller architecture. Intel’s CHMOS process provides a high performance processor along with low power consumption. To further reduce power requirements, the processor can be placed into Idle or Powerdown Mode.
The 8XC198 is the 8-bit bus version of the 8XC196KB. The prefixes mean: 80 (ROMless), 83 (ROM), 87 (OTP) One Time Programmable. The ROM and OTP are available in 8 Kbytes.
Bit, byte, word and some 32-bit operations are available on the 8XC198. With a 16 MHz oscillator a 16-bit addition takes 0.50 ms, and the instruction times average 0.37 ms to 1.1 ms in typical applications.

■ 8 Kbytes of On-Chip OTPROM or ROM
■ 232 Byte Register File
■ Register-to-Register Architecture
■ 28 Interrupt Sources/16 Vectors
■ 1.75 ms 16 x 16 Multiply (16 MHz)
■ 3.0 ms 32/16 Divide (16 MHz)
■ Powerdown and Idle Modes
■ 16-Bit Watchdog Timer
■ 8-Bit External Bus
■ 16 MHz Standard
■ Full Duplex Serial Port
■ High Speed I/O Subsystem
■ 16-Bit Timer
■ 16-Bit Counter
■ Pulse-Width-Modulated Output
■ Four 16-Bit Software Timers
■ 10-Bit A/D Converter with Sample/Hold
■ Extended Temperature Available




Similar Part No. - 87C198

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C198 INTEL-87C198 Datasheet
275Kb / 19P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Similar Description - 87C198

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC196KB16 INTEL-8XC196KB16 Datasheet
337Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
8XC198 INTEL-8XC198 Datasheet
275Kb / 19P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
80C196KC INTEL-80C196KC Datasheet
322Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KC20 INTEL-EE80C196KC20 Datasheet
457Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EE80C196KB16 INTEL-EE80C196KB16 Datasheet
380Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN80C196KB16 INTEL-EN80C196KB16 Datasheet
380Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KC20 INTEL-EN87C196KC20 Datasheet
749Kb / 25P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
EN87C196KB16 INTEL-EN87C196KB16 Datasheet
380Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
8XC196KB ARTSCHIP-8XC196KB Datasheet
1Mb / 22P
Commercial/Express CHMOS Microcontroller
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com