Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC10E416 Datasheet (PDF) - ON Semiconductor

MC10E416 Datasheet PDF - ON Semiconductor
Part # MC10E416
Download  MC10E416 Download
File Size   108.95 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description QUINT DIFFERENTIAL LINE RECEIVER

MC10E416 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10E416 Datasheet PDF - ON Semiconductor

Part # MC10E416
Download  MC10E416 Click to download

File Size   108.95 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description QUINT DIFFERENTIAL LINE RECEIVER

MC10E416 Datasheet (HTML) - ON Semiconductor


MC10E416 Product details

Description
The MC10E416/100E416 is a 5-bit differential line receiving device. The 2.0 GHz of bandwidth provided by the high frequency outputs makes the device ideal for buffering of very high speed oscillators.
The design incorporates two stages of gain, internal to the device, making it an excellent choice for use in high bandwidth amplifier applications.
   
Features
• Differential D and Q; VBB available
• 600 ps Max. Propagation Delay
• High Frequency Outputs
• 2 Stages of Gain
• PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
    with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V
    with VEE = −4.2 V to −5.7 V
• Internal Input 50 kΩ Pulldown Resistors
• ESD Protection: Human Body Model; > 2 kV,
                             Machine Model; > 200 V
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level:
                Pb = 1;
                Pb−Free = 3
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in,
    Oxygen Index: 28 to 34
• Transistor Count = 201 devices
• Pb−Free Packages are Available*
   




Similar Part No. - MC10E416

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E416 ONSEMI-MC10E416 Datasheet
132Kb / 9P
5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC10E416FN ONSEMI-MC10E416FN Datasheet
132Kb / 9P
5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC10E416FNG ONSEMI-MC10E416FNG Datasheet
132Kb / 9P
5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC10E416FNR2 ONSEMI-MC10E416FNR2 Datasheet
132Kb / 9P
5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC10E416FNR2G ONSEMI-MC10E416FNR2G Datasheet
132Kb / 9P
5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
More results


Similar Description - MC10E416

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
logo
Micrel Semiconductor
SY100S314 MICREL-SY100S314 Datasheet
97Kb / 5P
QUINT DIFFERENTIAL LINE RECEIVER
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
QUINT DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
F100114 NSC-F100114 Datasheet
113Kb / 4P
Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116_06 Datasheet
63Kb / 4P
QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_06 Datasheet
87Kb / 6P
QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
Quint Differential Line Receiver
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com