Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF2082 Datasheet (PDF) - Guerrilla RF, Inc.

GRF2082 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF2082
Download  GRF2082 Download
File Size   1366.99 Kbytes
Page   11 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Ultra-LNA with Shutdown Tuning Range: 1.5 to 3.8 GHz

GRF2082 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF2082 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF2082
Download  GRF2082 Click to download

File Size   1366.99 Kbytes
Page   11 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Ultra-LNA with Shutdown Tuning Range: 1.5 to 3.8 GHz

GRF2082 Datasheet (HTML) - Guerrilla RF, Inc.




Similar Part No. - GRF2082

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2080 GUERRILLA-GRF2080 Datasheet
834Kb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.1 to 1.5 GHz
GRF2081 GUERRILLA-GRF2081 Datasheet
1Mb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.7 ??2.7 GHz
GRF2083 GUERRILLA-GRF2083 Datasheet
800Kb / 10P
Ultra-LNA with Shutdown Tuning Range: 2.0 to 6.0 GHz
More results


Similar Description - GRF2082

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2072 GUERRILLA-GRF2072 Datasheet
1Mb / 11P
Ultra-Low Noise Amplifier Tuning Range: 1.5 ??3.8 GHz
GRF2077 GUERRILLA-GRF2077 Datasheet
1Mb / 13P
Failsafe Bypass LNA Tuning Range: 0.7 ??3.8 GHz
GRF2080 GUERRILLA-GRF2080 Datasheet
834Kb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.1 to 1.5 GHz
GRF2081 GUERRILLA-GRF2081 Datasheet
1Mb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.7 ??2.7 GHz
GRF2083 GUERRILLA-GRF2083 Datasheet
800Kb / 10P
Ultra-LNA with Shutdown Tuning Range: 2.0 to 6.0 GHz
GRF2130 GUERRILLA-GRF2130 Datasheet
725Kb / 10P
Ultra-High Gain LNA Tuning Range: 0.7 to 3.8 GHz
GRF2140 GUERRILLA-GRF2140 Datasheet
1Mb / 16P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
GRF5020 GUERRILLA-GRF5020 Datasheet
1Mb / 17P
30.5 dBm Power-LNA??Tuning Range: 0.1 ??3.8 GHz
GRF5110 GUERRILLA-GRF5110 Datasheet
1Mb / 14P
28.8 dBm Power-LNA??Tuning Range: 1.5 ??3.8 GHz
GRF4005 GUERRILLA-GRF4005 Datasheet
937Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com