Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-5701 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-5701 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-5701
Download  HDSP-5701 Download
File Size   264.06 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 14.2 mm (0.56 inch) Seven Segment Displays

HDSP-5701 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-5701 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-5701
Download  HDSP-5701 Click to download

File Size   264.06 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 14.2 mm (0.56 inch) Seven Segment Displays

HDSP-5701 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDSP-5701 Product details

Description
The 14.2 mm (0.56 inch) LED seven segment displays are designed for viewing distances up to 7 metres (23 feet). These devices use an industry standard size package and pinout. Both the numeric and ± 1 overflow devices feature a right hand decimal point. All devices are available as either common anode or common cathode.

Features
• Industry Standard Size
• Industry Standard Pinout
    15.24 mm (0.6 in.) DIP Leads
    on 2.54 mm (0.1 in.) Centers
• Choice of Colors
    AlGaAs Red, High Efficiency Red, Yellow, Green
• Excellent Appearance
    Evenly Lighted Segments
    Mitered Corners on Segments
    Gray Package Gives Optimum
    Contrast
    ± 50° Viewing Angle
• Design Flexibility
    Common Anode or Common Cathode
    Single and Dual Digits
    Right Hand Decimal Point
    ± 1. Overflow Character
• Categorized for Luminous Intensity
    Yellow and Green Categorized for Color
    Use of Like Categories Yields a Uniform Display
• High Light Output
• High Peak Current
• Excellent for Long Digit String Multiplexing
• Intensity and Color Selection Option
    See Intensity and Color
    Selected Displays Data Sheet
• Sunlight Viewable AlGaAs




Similar Part No. - HDSP-5701

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5701 HP-HDSP-5701 Datasheet
289Kb / 11P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5701 HP-HDSP-5701 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-5701 AVAGO-HDSP-5701 Datasheet
339Kb / 10P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5701 AVAGO-HDSP-5701 Datasheet
352Kb / 10P
Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5701-00000 HP-HDSP-5701-00000 Datasheet
289Kb / 11P
14.2 mm (0.56 inch) Seven Segment Displays
More results


Similar Description - HDSP-5701

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-K40X HP-HDSP-K40X Datasheet
289Kb / 11P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com