Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC80C0104D Datasheet (PDF) - List of Unclassifed Manufacturers

MC80C0104D Datasheet PDF - List of Unclassifed Manufacturers
Part # MC80C0104D
Download  MC80C0104D Download
File Size   2055.82 Kbytes
Page   126 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

MC80C0104D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC80C0104D Datasheet PDF - List of Unclassifed Manufacturers

Part # MC80C0104D
Download  MC80C0104D Click to download

File Size   2055.82 Kbytes
Page   126 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

MC80C0104D Datasheet (HTML) - List of Unclassifed Manufacturers


MC80C0104D Product details

[MagnaChip]

Description
The MC80F0104/0204 is advanced CMOS 8-bit microcontroller with 4K bytes of FLASH. This is a powerful microcontrol ler which provides a highly flexible and cost effective solution to many embedded control applications. This provides the following features : 4K bytes of FLASH, 256 bytes of RAM, 8/16-bit timer/counter, watchdog timer, 10-bit A/D converter, 8-bit Serial Input/Output, UART, buzzer driving port, 10-bit PWM output and on-chip oscillator and clock circuitry. It also has ONP, noise filter, PFD for improving noise immunity. In addition, the MC80F0104/0204 supports power saving modes to reduce power consumption.
The MC80C0104/0204 is the MASK ROM version of the MC80F0104/0204. It is fully compatible to the MC80F0104/0204 in function.

Features
• 4K Bytes On-chip FLASH
   - Endurance : 100 times
   - Retention time : 10 years
• 256 Bytes On-chip Data RAM
   (Included stack memory)
• Minimum Instruction Execution Time:
   - 333ns at 12MHz (NOP instruction)
• Programmable I/O pins
   (LED direct driving can be a source and sink)
   - MC80F0204 : 18(17)
   - MC80F0104 : 14(13)
• One 8-bit Basic Interval Timer
• Four 8-bit Timer/counters
   (or two 16-bit Timer/counter)
• One Watchdog timer
• Two 10-bit High Speed PWM Outputs
• 10-bit A/D converter
   - MC80F0204 : 10 channels
   - MC80F0104 : 8 channels
• Two 8-bit Serial Communication Interface
   - One Serial I/O and one UART
• One Buzzer Driving port
   - 488Hz ~ 250kHz@4MHz
• Four External Interrupt input ports
• On-chip POR (Power on Reset)
• Fourteen Interrupt sources
   - External input : 4
   - Timer : 6
   - A/D Conversion : 1
   - Serial Interface : 1
   - UART : 2
• Built in Noise Immunity Circuit
   - Noise Canceller
   - PFD (Power fail detector)
   - ONP (Oscillation Noise Protector)
• Operating Voltage & Frequency (MC80F0104/0204)
   - 2.7V ~ 5.5V (at 0.4 ~ 8MHz)
   - 4.5V ~ 5.5V (at 0.4 ~ 12MHz)
• Operating Voltage & Frequency(MC80C0104/ 0204)
   - 2.0V ~ 5.5V (at 0.4 ~ 4.2MHz)
   - 2.7V ~ 5.5V (at 0.4 ~ 8MHz)
   - 4.5V ~ 5.5V (at 0.4 ~ 12MHz)
• Operating Temperature : -40°C ~ 85°C
• Power Saving Modes
   - STOP mode
   - SLEEP mode
   - RC-WDT mode
• Oscillator Type
   - Crystal
   - Ceramic resonator
   - External RC Oscillator (C can be omitted)
   - Internal Oscillator (4MHz/2MHz)




Similar Part No. - MC80C0104D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC80C0208 ETC1-MC80C0208 Datasheet
1Mb / 128P
8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208K ETC1-MC80C0208K Datasheet
1Mb / 128P
8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208Q ETC1-MC80C0208Q Datasheet
1Mb / 128P
8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216 ETC1-MC80C0216 Datasheet
1Mb / 128P
8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216K ETC1-MC80C0216K Datasheet
1Mb / 128P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - MC80C0104D

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
UPD780204 NEC-UPD780204 Datasheet
2Mb / 418P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
PD78F9210CS RENESAS-PD78F9210CS_15 Datasheet
356Kb / 30P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com