Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A23L9316 Datasheet (PDF) - AMIC Technology

A23L9316 Datasheet PDF - AMIC Technology
Part # A23L9316
Download  A23L9316 Download
File Size   260.17 Kbytes
Page   11 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 16 / 1M X 8 BIT CMOS MASK ROM

A23L9316 Datasheet (PDF)

Go To PDF Page Download Datasheet
A23L9316 Datasheet PDF - AMIC Technology

Part # A23L9316
Download  A23L9316 Click to download

File Size   260.17 Kbytes
Page   11 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 16 / 1M X 8 BIT CMOS MASK ROM

A23L9316 Datasheet (HTML) - AMIC Technology


A23L9316 Product details

Features

512K x 16 bit or 1M x 8 bit organization

Supply voltage range: 2.7V~3.6V

Access time: 70ns (max.)/3.0V~3.6V

                100ns (max.)/2.7V~3.6V

Current: Operating: 30mA (typ.)/3.3V

           Standby: 10µA (typ.)/3.3V

Three-state outputs for wired-OR expansion

Full static operation

All inputs and outputs are directly TTL-compatible

Flash memory pinout compatible with AMD

(A23L93161) and Intel (A23L93162)

Available in 44-pin SOP, 48-pin TSOP (forward, reverse type and flash memory’s pinouts compatible) packages




Similar Part No. - A23L9316

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L9308 AMICC-A23L9308 Datasheet
132Kb / 12P
524,288 X 8 BIT CMOS MASK ROM
A23L9308-15 AMICC-A23L9308-15 Datasheet
132Kb / 12P
524,288 X 8 BIT CMOS MASK ROM
A23L9308-20 AMICC-A23L9308-20 Datasheet
132Kb / 12P
524,288 X 8 BIT CMOS MASK ROM
A23L9308H-15 AMICC-A23L9308H-15 Datasheet
132Kb / 12P
524,288 X 8 BIT CMOS MASK ROM
A23L9308H-20 AMICC-A23L9308H-20 Datasheet
132Kb / 12P
524,288 X 8 BIT CMOS MASK ROM
More results


Similar Description - A23L9316

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
4M-BIT [512K x 8/256K x 16] MASK ROM
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
8M-BIT [1M x 8] CMOS MASK ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
256K X 16 / 512K X 8 BIT CMOS MASK ROM
logo
List of Unclassifed Man...
TC531024P-12 ETC1-TC531024P-12 Datasheet
226Kb / 5P
1M BIT (65536 WORD X 16 BIT) CMOS MASK ROM
logo
Macronix International
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
1M-BIT [64K x 16] CMOS MASK ROM
logo
King blillion Electroni...
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
512K x 8 bit Mask ROM
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
512K x 8 bit CMOS Mask Programmable ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
512K x 8 bit Mask ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
1M X 16 / 2M X 8 BIT CMOS MASK ROM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com