Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3667 Datasheet (PDF) - Toshiba Semiconductor

K3667 Datasheet PDF - Toshiba Semiconductor
Part # K3667
Download  K3667 Download
File Size   226.21 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type Switching Regulator Applications

K3667 Datasheet (PDF)

Go To PDF Page Download Datasheet
K3667 Datasheet PDF - Toshiba Semiconductor

Part # K3667
Download  K3667 Click to download

File Size   226.21 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type Switching Regulator Applications

K3667 Datasheet (HTML) - Toshiba Semiconductor


K3667 Product details

•  Low drain-source ON resistance: RDS (ON)= 0.74Ω(typ.)



•  High forward transfer admittance: |Yfs| = S (typ.)



•  Low leakage current: IDSS= 100 μA (VDS= 600 V)



•  Enhancement-mode: Vth= 2.0~4.0 V (VDS= 10 V, ID= 1 mA)








Similar Part No. - K3667

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K3662 TOSHIBA-K3662 Datasheet
203Kb / 6P
Switching Regulator, DC−DC Converter, Motor Drive Applications
21-Dec-2009
logo
List of Unclassifed Man...
K366T ETC-K366T Datasheet
39Kb / 1P
Motorist Kit
More results


Similar Description - K3667

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
06-Nov-2006
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
06-Nov-2006
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
06-Nov-2006
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3569 TOSHIBA-2SK3569_06 Datasheet
236Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
Silicon N-Channel MOS Type Switching Regulator Applications
13-Nov-2006
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
10-Nov-2006
2SK3869 TOSHIBA-2SK3869 Datasheet
249Kb / 6P
Silicon N-Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
Silicon N-Channel MOS Type Switching Regulator Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com