Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L0632 Datasheet (PDF) - AMIC Technology

A43L0632 Datasheet PDF - AMIC Technology
Part # A43L0632
Download  A43L0632 Download
File Size   1305.4 Kbytes
Page   44 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 32 Bit X 2 Banks Synchronous DRAM

A43L0632 Datasheet (PDF)

Go To PDF Page Download Datasheet
A43L0632 Datasheet PDF - AMIC Technology

Part # A43L0632
Download  A43L0632 Click to download

File Size   1305.4 Kbytes
Page   44 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 32 Bit X 2 Banks Synchronous DRAM

A43L0632 Datasheet (HTML) - AMIC Technology


A43L0632 Product details

General Description
The A43L0632 is 33,554,432 bits synchronous high data rate Dynamic RAM organized as 2 X 524,288 words by 32 bits, fabricated with AMIC’s high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock. I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable latencies allows the same device to be useful for a variety of high bandwidth, high performance memory system applications.

Features
■ Power supply
   - VDD: 3.3V VDDQ : 3.3V
■ LVTTL compatible with multiplexed address
■ Two banks / Pulse RAS
■ MRS cycle with address key programs
   - CAS Latency (2 & 3)
   - Burst Length (1,2,4,8 & full page)
   - Burst Type (Sequential & Interleave)
■ Clock Frequency (max) : 167MHz @ CL=3 (-6)
   143MHz @ CL=3 (-7)
■ All inputs are sampled at the positive going edge of the
   system clock
■ DQM for masking
■ Auto & self refresh
■ 64ms refresh period (4K cycle)
■ Industrial operating temperature range: -40ºC to +85ºC
   for -U series.
■ Available in 90 Balls CSP (8mm X 13mm)
■ Package is available to lead free (-F series)
■ All Pb-free (lead-free) product are RoHS compliant




Similar Part No. - A43L0632

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L0632G-75I AMICC-A43L0632G-75I Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
A43L0632G-95I AMICC-A43L0632G-95I Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
A43L0632V-75I AMICC-A43L0632V-75I Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
A43L0632V-95I AMICC-A43L0632V-95I Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
More results


Similar Description - A43L0632

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
512K X 32 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
512K x 32 Bit x 4 Banks Synchronous DRAM
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_08 Datasheet
790Kb / 47P
512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
512K x 32 Bit x 4 Banks Synchronous DRAM
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
512K x 32 Bit x 4 Banks Synchronous DRAM
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
512K x 32 Bit x 4 Banks Synchronous DRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com