Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316A Datasheet (PDF) - AMIC Technology

A43L8316A Datasheet PDF - AMIC Technology
Part # A43L8316A
Download  A43L8316A Download
File Size   1008.36 Kbytes
Page   45 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 16 Bit X 2 Banks Synchronous DRAM

A43L8316A Datasheet (PDF)

Go To PDF Page Download Datasheet
A43L8316A Datasheet PDF - AMIC Technology

Part # A43L8316A
Download  A43L8316A Click to download

File Size   1008.36 Kbytes
Page   45 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 16 Bit X 2 Banks Synchronous DRAM

A43L8316A Datasheet (HTML) - AMIC Technology


A43L8316A Product details

General Description
The A43L8316A is 4,194,304 bits synchronous high data rate Dynamic RAM organized as 2 X 131,072 words by 16 bits, fabricated with AMIC’s high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock. I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable latencies allows the same device to be useful for a variety of high bandwidth, high performance memory system applications.

Features
■ JEDEC standard 3.3V power supply
■ LVTTL compatible with multiplexed address
■ Dual banks / Pulse RAS
■ MRS cycle with address key programs
    - CAS Latency (2,3)
    - Burst Length (1,2,4,8 & full page)
    - Burst Type (Sequential & Interleave)
■ All inputs are sampled at the positive going edge of the system clock
■ Burst Read Single-bit Write operation
■ DQM for masking
■ Auto & self refresh
■ 16ms refresh period (1K cycle)
■ 50 Pin TSOP (II)




Similar Part No. - A43L8316A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L8316 AMICC-A43L8316 Datasheet
1Mb / 45P
128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316G-75I AMICC-A43L8316G-75I Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
A43L8316G-95I AMICC-A43L8316G-95I Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
A43L8316V AMICC-A43L8316V Datasheet
1Mb / 45P
128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316V-10 AMICC-A43L8316V-10 Datasheet
1Mb / 45P
128K X 16 Bit X 2 Banks Synchronous DRAM
More results


Similar Description - A43L8316A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
512K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316 AMICC-A43L8316 Datasheet
1Mb / 45P
128K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
512K X 16 Bit X 2 Banks Synchronous DRAM
A43L1616 AMICC-A43L1616 Datasheet
1Mb / 44P
1M X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
512K X 16 Bit X 2 Banks Synchronous DRAM
A43L1616B AMICC-A43L1616B Datasheet
555Kb / 46P
1M X 16 Bit X 2 Banks Synchronous DRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com