Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT04 Datasheet (PDF) - List of Unclassifed Manufacturers

FT04 Datasheet PDF - List of Unclassifed Manufacturers
Part # FT04
Download  FT04 Download
File Size   133.88 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LOGIC LEVEL TRIAC

FT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
FT04 Datasheet PDF - List of Unclassifed Manufacturers

Part # FT04
Download  FT04 Click to download

File Size   133.88 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LOGIC LEVEL TRIAC

FT04 Datasheet (HTML) - List of Unclassifed Manufacturers


FT04 Product details

[FAGOR]



On-State Current 4 Amp

Gate Trigger Current < 5 mA to < 10 mA

Off-State Voltage 200 V ÷ 600 V



This series of TRIACs uses a high performance PNPN technology.

These parts are intended for general purpose applications where logic compatible gate sensitivity is required, like touch dimmers, fan, electrovalve control.



 




Similar Part No. - FT04

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
FT04N15E GWSEMI-FT04N15E Datasheet
1Mb / 4P
Plastic-Encapsulate MOSFETS
More results


Similar Description - FT04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
Logic level triac
Rev. 01-19 February 2004
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
Logic level triac
Rev. 01-19 February 2004
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
Logic level triac
Rev. 01-29 March 2001
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
LOGIC LEVEL TRIAC
logo
NXP Semiconductors
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
Triac logic level
Rev. 01-26 February 2008
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
LOGIC LEVEL TRIAC
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
Logic level 16 A Triac
April 2012 Rev 3
logo
Unisonic Technologies
UT131 UTC-UT131_15 Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
0.8A Logic level TRIAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com