Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LV02 Datasheet (PDF) - Pericom Semiconductor Corporation

PI90LV02 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI90LV02
Download  PI90LV02 Download
File Size   181.79 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTinyTM LVDS High-Speed Differential Line Receiver

PI90LV02 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI90LV02 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI90LV02
Download  PI90LV02 Click to download

File Size   181.79 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTinyTM LVDS High-Speed Differential Line Receiver

PI90LV02 Datasheet (HTML) - Pericom Semiconductor Corporation


PI90LV02 Product details

Description
The PI90LV02 and PI90LVT02 are single differential line receivers that use low-voltage differential signaling (LVDS) to support data rates up to 400 Mbps. These products are designed for applications requiring high-speed, low-power consumption, low-noise generation, and a small package.
A differential input signal (350mV) is translated by the device to a 3.3V CMOS output level. The PI90LVT02 integrates the terminating resistor while the PI90LV02 requires an external resistor.

Features
• Meets or Exceeds the Requirements of ANSI TIA/EIA-644-1995 Standard
• Signaling rates up to 400 Mbps
• Interfaces to LVDS, LVPECL
• Bus-Terminal ESD exceeds 10kV
• Differential Input Voltage Threshold less than 100mV
• Typical Propagation Delay Times of 2.6ns
• Typical Power Dissipation of 40mW @200 MHz
• Low Voltage TTL (LVTTL) Level is 5V Tolerant
• Open-Circuit Fail Safe
• Output are High Impedance with VCC <1.5V
• Integrated 110-ohm Line Termination Resistor (PI90LVT02)
• Operates from a 3.3V supply
• Input common-mode voltage range 0V–3.2V
• Industrial Temperature Operating Range: –40°C to 85°C
• Packaging (Pb-free & Green available):
    - 5-pin space-saving SOT-23 (T)




Similar Part No. - PI90LV02

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV022 PERICOM-PI90LV022 Datasheet
182Kb / 12P
LVDS Mux/Repeater
PI90LV022B PERICOM-PI90LV022B Datasheet
182Kb / 12P
LVDS Mux/Repeater
PI90LV022L PERICOM-PI90LV022L Datasheet
182Kb / 12P
LVDS Mux/Repeater
PI90LV022LE PERICOM-PI90LV022LE Datasheet
182Kb / 12P
LVDS Mux/Repeater
PI90LV022W PERICOM-PI90LV022W Datasheet
182Kb / 12P
LVDS Mux/Repeater
More results


Similar Description - PI90LV02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
High speed differential line receiver
Rev. 01-07 January 2004
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
High speed differential line receiver
Rev. 01-05 January 2004
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
SOTiny LVDS High-Speed Differential Line Receiver
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
3.3V LVDS High-Speed Differential Line Driver and Receiver
logo
Texas Instruments
DS90LT012AQ TI1-DS90LT012AQ_15 Datasheet
776Kb / 14P
Automotive LVDS Differential Line Receiver
DSLVDS1048 TI1-DSLVDS1048 Datasheet
1Mb / 25P
3.3-V LVDS Quad Channel High-Speed Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com