Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-101F2 Datasheet (PDF) - Kemet Corporation

ST-101F2 Datasheet PDF - Kemet Corporation
Part # ST-101F2
Download  ST-101F2 Download
File Size   132.89 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, ST, DC Line Filters, Common Mode

ST-101F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST-101F2 Datasheet PDF - Kemet Corporation

Part # ST-101F2
Download  ST-101F2 Click to download

File Size   132.89 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, ST, DC Line Filters, Common Mode

ST-101F2 Datasheet (HTML) - Kemet Corporation


ST-101F2 Product details

General Information
   Series: ST
   Style: Through-Hole
   RoHS: Yes
   Miscellaneous: AM Band, Frequency Range: 0.5 To 7 MHz, Impedance: 40000 Ohms (600 kHz)

Specifications
   Voltage DC: 50 VDC
   Temperature Range: -20/+75°C
   DC Resistance: 2.7 Ohms




Similar Part No. - ST-101F2

ManufacturerPart #DatasheetDescription
logo
NEC
ST-101F2 NEC-ST-101F2 Datasheet
2Mb / 45P
DC Line Fileters
More results


Similar Description - ST-101F2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ST-101 KEMET-ST-101 Datasheet
72Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-101A KEMET-ST-101A Datasheet
85Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-101F4 KEMET-ST-101F4 Datasheet
132Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-104A4 KEMET-ST-104A4 Datasheet
91Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-201A KEMET-ST-201A Datasheet
85Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-202 KEMET-ST-202 Datasheet
72Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-202A KEMET-ST-202A Datasheet
85Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-202S KEMET-ST-202S Datasheet
72Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-204A1 KEMET-ST-204A1 Datasheet
91Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
ST-204A3 KEMET-ST-204A3 Datasheet
91Kb / 1P
KEMET, ST, DC Line Filters, Common Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com