Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7924A Datasheet (PDF) - Belden Inc.

7924A Datasheet PDF - Belden Inc.
Part # 7924A
Download  7924A Download
File Size   273.59 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff짰 5e, 4 Bonded-Pr #24 Str TC, PO Ins, PVC Jkt, CMX-Outdoor CMR

7924A Datasheet (PDF)

Go To PDF Page Download Datasheet
7924A Datasheet PDF - Belden Inc.

Part # 7924A
Download  7924A Click to download

File Size   273.59 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff짰 5e, 4 Bonded-Pr #24 Str TC, PO Ins, PVC Jkt, CMX-Outdoor CMR

7924A Datasheet (HTML) - Belden Inc.




Similar Part No. - 7924A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7924A0021000 ETC2-7924A0021000 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
7924A0101000 ETC2-7924A0101000 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
7924A0102000 ETC2-7924A0102000 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
7924A1NH1000 ETC2-7924A1NH1000 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
More results


Similar Description - 7924A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7905A BELDEN-7905A Datasheet
285Kb / 3P
DataTuff짰 5e, 4 Pr #24 Str TC, PO Ins, TPE Jkt, Flexible CMR
7921A BELDEN-7921A Datasheet
282Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMR CMX-Outdoor
7922A BELDEN-7922A Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #22 Sol BC, PO Ins, PVC Jkt, PLTC CMR
7923A BELDEN-7923A Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, MSHA CMR
7929A BELDEN-7929A Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OS, PVC Jkt, CMR CMG
7930A BELDEN-7930A Datasheet
281Kb / 3P
DataTuff짰 5e, 4 Pr #24 Str BC, PO Ins, PVC Jkt, CMX-Outdoor CMR
7939A BELDEN-7939A Datasheet
277Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Str BC, PO Ins, OS, PVC Jkt, CMX-Outdoor CMR
7957A BELDEN-7957A Datasheet
283Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMR CMX-Outdoor
11700A BELDEN-11700A Datasheet
278Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, MSHA CMR
7940A BELDEN-7940A Datasheet
277Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #23 Sol BC, PO Ins, PVC Jkt, CMX-Outdoor CMR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com