Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QOB320 Datasheet (PDF) - Schneider Electric

QOB320 Datasheet PDF - Schneider Electric
Part # QOB320
Download  QOB320 Download
File Size   179.91 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 20 A, 3 pole, 120/240 V, 10 kA, bolt on

QOB320 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB320 Datasheet PDF - Schneider Electric

Part # QOB320
Download  QOB320 Click to download

File Size   179.91 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 20 A, 3 pole, 120/240 V, 10 kA, bolt on

QOB320 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB320

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB3201021 SCHNEIDER-QOB3201021 Datasheet
168Kb / 2P
Mini CB, QO, 20 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3201042 SCHNEIDER-QOB3201042 Datasheet
150Kb / 2P
Mini CB, QO, 20 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3201200 SCHNEIDER-QOB3201200 Datasheet
142Kb / 2P
Mini CB, QO, 20 A, 3P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
QOB3201201 SCHNEIDER-QOB3201201 Datasheet
158Kb / 2P
Mini CB, QO, 20 A, 3P, 120/240 V, 10 kA, Bolt on, Aux Switch 1B
Feb 19, 2020
QOB3202100 SCHNEIDER-QOB3202100 Datasheet
56Kb / 2P
Mini CB, QO, 20 A, 3P, 120/240 V, 10 kA, Bolt on, Alarm Switch
Feb 19, 2020
More results


Similar Description - QOB320

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB120 SCHNEIDER-QOB120 Datasheet
107Kb / 3P
QO mini breaker, 20 A, 1 pole, 120/240 V, 10 kA, bolt on
Nov 25, 2019
QOB220 SCHNEIDER-QOB220 Datasheet
124Kb / 3P
QO mini breaker, 20 A, 2 pole, 120/240 V, 10 kA, bolt on
Nov 25, 2019
QOB3100 SCHNEIDER-QOB3100 Datasheet
132Kb / 3P
QO mini breaker, 100 A, 3 pole, 120/240 V, 10 kA, bolt on
Nov 26, 2019
QOB360 SCHNEIDER-QOB360 Datasheet
157Kb / 3P
QO mini breaker, 60 A, 3 pole, 120/240 V, 10 kA, bolt on
QOB350 SCHNEIDER-QOB350 Datasheet
141Kb / 3P
QO mini breaker, 50 A, 3 pole, 120/240 V, 10 kA, bolt on
QOB340 SCHNEIDER-QOB340 Datasheet
139Kb / 3P
QO mini breaker, 40 A, 3 pole, 120/240 V, 10 kA, bolt on
QOB335 SCHNEIDER-QOB335 Datasheet
140Kb / 3P
QO mini breaker, 35 A, 3 pole, 120/240 V, 10 kA, bolt on
Nov 27, 2019
QOB380 SCHNEIDER-QOB380 Datasheet
139Kb / 3P
QO mini breaker, 80 A, 3 pole, 120/240 V, 10 kA, bolt on
Nov 27, 2019
QOB325 SCHNEIDER-QOB325 Datasheet
137Kb / 3P
QO mini breaker, 25 A, 3 pole, 120/240 V, 10 kA, bolt on
Nov 28, 2019
QOB390 SCHNEIDER-QOB390 Datasheet
139Kb / 3P
QO mini breaker, 90 A, 3 pole, 120/240 V, 10 kA, bolt on
Nov 28, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com