Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA123EMB Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTA123EMB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTA123EMB
Download  PDTA123EMB Download
File Size   836.02 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP resistor-equipped transistor; R1 = 2.2 k廓, R2 = 2.2 k廓

PDTA123EMB Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA123EMB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTA123EMB
Download  PDTA123EMB Click to download

File Size   836.02 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP resistor-equipped transistor; R1 = 2.2 k廓, R2 = 2.2 k廓

PDTA123EMB Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTA123EMB Product details

General description
PNP Resistor-Equipped Transistor (RET) in a leadless ultra small DFN1006B-3 (SOT883B) Surface-Mounted Device (SMD) plastic package.

NPN complement: PDTC123EMB.

Features and benefits
■ 100 mA output current capability
■ Reduces component count
■ Built-in bias resistors
■ Reduces pick and place costs
■ Simplifies circuit design
■ AEC-Q101 qualified
■ Leadless ultra small SMD plastic
   package
■ Low package height of 0.37 mm

Applications
■ Low-current peripheral driver
■ Control of IC inputs
■ Replaces general-purpose transistors
   in digital applications
■ Mobile applications




Similar Part No. - PDTA123EMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA123EM PHILIPS-PDTA123EM Datasheet
102Kb / 14P
PNP resistor-equipped transistors
2004 Aug 02
PDTA123EM NXP-PDTA123EM Datasheet
189Kb / 14P
PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTA123EM NEXPERIA-PDTA123EM Datasheet
420Kb / 15P
NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug
PDTA123EM NEXPERIA-PDTA123EM Datasheet
421Kb / 15P
PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug 02
PDTA123EM NEXPERIA-PDTA123EM Datasheet
421Kb / 15P
PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug 02
More results


Similar Description - PDTA123EMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA123E NXP-PDTA123E Datasheet
189Kb / 14P
PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 02
PDTA123J NXP-PDTA123J Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 02
PDTC123E NXP-PDTC123E Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 06
PEMB10 NXP-PEMB10 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 03
PEMH20 NXP-PEMH20 Datasheet
283Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
PEMH20_PUMH20 PHILIPS-PEMH20_PUMH20_15 Datasheet
283Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PDTA123JMB NEXPERIA-PDTA123JMB Datasheet
842Kb / 12P
PNP resistor-equipped transistor; R1 = 2.2 k廓, R2 = 47 k廓
PDTA123TMB NEXPERIA-PDTA123TMB Datasheet
729Kb / 12P
PNP resistor-equipped transistor; R1 = 2.2 k廓, R2 = open
PDTA123YMB NEXPERIA-PDTA123YMB Datasheet
628Kb / 12P
PNP resistor-equipped transistor; R1 = 2.2 k廓, R2 = 10 k廓
PDTC123EMB NEXPERIA-PDTC123EMB Datasheet
960Kb / 13P
NPN resistor-equipped transistor; R1 = 2.2 k廓, R2 = 2.2 k廓
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com