Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124EMB Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTC124EMB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTC124EMB
Download  PDTC124EMB Download
File Size   840.92 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN resistor-equipped transistor; R1 = 22 k廓, R2 = 22 k廓

PDTC124EMB Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC124EMB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTC124EMB
Download  PDTC124EMB Click to download

File Size   840.92 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN resistor-equipped transistor; R1 = 22 k廓, R2 = 22 k廓

PDTC124EMB Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTC124EMB Product details

General description
NPN Resistor-Equipped Transistor (RET) in a leadless ultra small DFN1006B-3 (SOT883B) Surface-Mounted Device (SMD) plastic package.

PNP complement: PDTA124EMB

Features and benefits
■ 100 mA output current capability
■ Reduces component count
■ Built-in bias resistors
■ Reduces pick and place costs
■ Simplifies circuit design
■ AEC-Q101 qualified
■ Leadless ultra small SMD plastic
   package
■ Low package height of 0.37 mm

Applications
■ Low-current peripheral driver
■ Control of IC inputs
■ Replaces general-purpose transistors
   in digital applications
■ Mobile applications




Similar Part No. - PDTC124EMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124EM PHILIPS-PDTC124EM Datasheet
91Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC124EM NXP-PDTC124EM Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC124EM NEXPERIA-PDTC124EM Datasheet
230Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
27 October 2022
PDTC124EM NEXPERIA-PDTC124EM Datasheet
1Mb / 18P
PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
More results


Similar Description - PDTC124EMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124E NXP-PDTA124E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 02
PDTC124E NXP-PDTC124E Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH1 NXP-PEMH1 Datasheet
143Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2003 Oct 08
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144WMB PHILIPS-PDTC144WMB_15 Datasheet
696Kb / 11P
NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 22 k廓
Rev. 1-2 July 2012
logo
Nexperia B.V. All right...
PDTA124EMB NEXPERIA-PDTA124EMB Datasheet
969Kb / 12P
PNP resistor-equipped transistor; R1 = 22 k廓, R2 = 22 k廓
PDTC144WMB NEXPERIA-PDTC144WMB Datasheet
831Kb / 12P
NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 22 k廓
PDTC124XMB NEXPERIA-PDTC124XMB Datasheet
619Kb / 12P
NPN resistor-equipped transistor; R1 = 22 k廓, R2 = 47 k廓
PQMD2 NEXPERIA-PQMD2 Datasheet
735Kb / 17P
NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 22 k廓
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com