Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMBT3904MB Datasheet (PDF) - Nexperia B.V. All rights reserved

PMBT3904MB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMBT3904MB
Download  PMBT3904MB Download
File Size   229.03 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 200 mA NPN switching transistor

PMBT3904MB Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBT3904MB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMBT3904MB
Download  PMBT3904MB Click to download

File Size   229.03 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 200 mA NPN switching transistor

PMBT3904MB Datasheet (HTML) - Nexperia B.V. All rights reserved


PMBT3904MB Product details

General description
NPN single switching transistor in a leadless ultra small DFN1006B-3 (SOT883B) Surface-Mounted Device (SMD) plastic package.
PNP complement: PMBT3906MB.

Features and benefits
• Single general-purpose switching transistor
• Ultra small SMD plastic package
• Board-space reduction
• Low package height of 0.37 mm
• AEC-Q101 qualified

Applications
• General-purpose switching and amplification
• Mobile applications




Similar Part No. - PMBT3904MB

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PMBT3904MB-TP TECHPUBLIC-PMBT3904MB-TP Datasheet
473Kb / 2P
50V NPN General Purpose Transistor
More results


Similar Description - PMBT3904MB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3904M NXP-PMBT3904M Datasheet
91Kb / 11P
40 V, 200 mA NPN switching transistor
Rev. 01-21 July 2009
PMBT3904VS NXP-PMBT3904VS Datasheet
93Kb / 11P
40 V, 200 mA NPN/NPN switching transistor
Rev. 01-8 July 2009
PMBT3946VPN NXP-PMBT3946VPN Datasheet
118Kb / 15P
40 V, 200 mA NPN/PNP switching transistor
Rev. 01-31 August 2009
PMSTA3904 NXP-PMSTA3904 Datasheet
80Kb / 12P
40 V, 200 mA NPN switching transistor
Rev. 01-21 April 2008
logo
Nexperia B.V. All right...
MMBT3904-Q NEXPERIA-MMBT3904-Q Datasheet
213Kb / 10P
40 V, 200 mA NPN switching transistor
7 October 2022
PMBT3904-Q NEXPERIA-PMBT3904-Q Datasheet
216Kb / 10P
40 V, 200 mA NPN switching transistor
11 January 2023
PMBT3904M NEXPERIA-PMBT3904M Datasheet
241Kb / 11P
40 V, 200 mA NPN switching transistor
27 March 2023
PMBT3904 NEXPERIA-PMBT3904 Datasheet
220Kb / 11P
40 V, 200 mA NPN switching transistor
5 November 2020
PMBT3904QA NEXPERIA-PMBT3904QA Datasheet
238Kb / 13P
40 V, 200 mA NPN switching transistor
29 August 2018
PMBT3904VS NEXPERIA-PMBT3904VS Datasheet
231Kb / 10P
40 V, 200 mA NPN/NPN switching transistor
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com