Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMBT3906MB Datasheet (PDF) - Nexperia B.V. All rights reserved

PMBT3906MB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMBT3906MB
Download  PMBT3906MB Download
File Size   254.17 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 200 mA PNP switching transistor

PMBT3906MB Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBT3906MB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMBT3906MB
Download  PMBT3906MB Click to download

File Size   254.17 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 200 mA PNP switching transistor

PMBT3906MB Datasheet (HTML) - Nexperia B.V. All rights reserved


PMBT3906MB Product details

General description
PNP single switching transistor in a leadless ultra small DFN1006B-3 (SOT883B) Surface-Mounted Device (SMD) plastic package.
NPN complement: PMBT3904MB.

Features and benefits
• Single general-purpose switching transistor
• AEC-Q101 qualified
• Ultra small SMD plastic package
• Board-space reduction
• Low package height of 0.37 mm

Applications
• General-purpose switching and amplification
• Mobile applications




Similar Part No. - PMBT3906MB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3906M NXP-PMBT3906M Datasheet
92Kb / 11P
40 V, 200 mA PNP switching transistor
Rev. 01-22 July 2009
logo
Nexperia B.V. All right...
PMBT3906M NEXPERIA-PMBT3906M Datasheet
207Kb / 12P
40 V, 200 mA PNP switching transistor
Rev. 01 - 22 July 2009
More results


Similar Description - PMBT3906MB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3904M NXP-PMBT3904M Datasheet
91Kb / 11P
40 V, 200 mA NPN switching transistor
Rev. 01-21 July 2009
PMBT3906M NXP-PMBT3906M Datasheet
92Kb / 11P
40 V, 200 mA PNP switching transistor
Rev. 01-22 July 2009
PMBT3906VS NXP-PMBT3906VS Datasheet
94Kb / 11P
40 V, 200 mA PNP/PNP switching transistor
Rev. 01-20 August 2009
PMBT3946VPN NXP-PMBT3946VPN Datasheet
118Kb / 15P
40 V, 200 mA NPN/PNP switching transistor
Rev. 01-31 August 2009
PMST3906 NXP-PMST3906 Datasheet
84Kb / 10P
40 V, 200 mA PNP switching transistor
Rev. 05-29 April 2009
PMSTA3904 NXP-PMSTA3904 Datasheet
80Kb / 12P
40 V, 200 mA NPN switching transistor
Rev. 01-21 April 2008
logo
Nexperia B.V. All right...
PMBT3906M NEXPERIA-PMBT3906M Datasheet
207Kb / 12P
40 V, 200 mA PNP switching transistor
Rev. 01 - 22 July 2009
PMST3906 NEXPERIA-PMST3906 Datasheet
199Kb / 11P
40 V, 200 mA PNP switching transistor
Rev. 05 - 29 April 2009
PMBT3906VS NEXPERIA-PMBT3906VS Datasheet
229Kb / 10P
40 V, 200 mA PNP/PNP switching transistor
28 December 2022
PMBT3946VPN NEXPERIA-PMBT3946VPN Datasheet
269Kb / 12P
40 V, 200 mA NPN/PNP switching transistor
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com