Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC100 Datasheet (PDF) - Microsemi Corporation

LC100 Datasheet PDF - Microsemi Corporation
Part # LC100
Download  LC100 Download
File Size   586.9 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR

LC100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC100 Datasheet PDF - Microsemi Corporation

Part # LC100
Download  LC100 Click to download

File Size   586.9 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR

LC100 Datasheet (HTML) - Microsemi Corporation


LC100 Product details

DESCRIPTION
This hermetically sealed Transient Voltage Suppressor (TVS) product family includes a rectifier diode element in series and opposite direction to achieve low capacitance performance below 100 pF (see Figure 2). The low level of TVS capacitance may be used for protecting higher frequency applications in inductive switching environments or electrical systems involving secondary lightning effects per IEC61000-4-5 as well as RTCA/DO-160D or ARINC 429 for airborne avionics. With virtually instantaneous response, they also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.

FEATURES
• Unidirectional low-capacitance TVS series for flexible
   thru-hole mounting (for bidirectional see Figure 4)
• Suppresses transients up to 1500 watts @ 10/1000 µs
   (see Figure 1)*
• Clamps transient in less than 100 pico seconds
• Working voltage (VWM) range 6.5 V to 170 V
• Hermetic sealed DO-13 metal package
• Options for screening in accordance with MIL-PRF-
   19500 for JAN, JANTX, JANTXV, and JANS are also
   available by adding MQ, MX, MV, MSP prefixes
   respectively to part numbers, e.g. MXLC6.5A, etc.
• Surface mount equivalent packages also available as
   SMCJLCE6.5 - SMCJLCE170A or SMCGLCE6.5 -
   SMCGLCE170A in separate data sheet (consult factory
   for other surface mount options)
• Plastic axial-leaded equivalents available in the LCE6.5
   - LCE170A series in separate data sheet
• RoHS Compliant devices available by adding “e3” suffix

APPLICATIONS / BENEFITS
• Protection from switching transients and induced RF
• Low capacitance for data line protection up to 1 MHz
• Protection for aircraft fast data rate lines up to Level 5
   Waveform 4 and Level 2 Waveform 5A in RTCA/DO-
   160D (also see MicroNote 130) & ARINC 429 with bit
   rates of 100 kb/s (per ARINC 429, Part 1, par 2.4.1.1)
• ESD & EFT protection per IEC 61000-4-2 and -4-4
• Secondary lightning protection per IEC61000-4-5 with
   42 Ohms source impedance:
   Class 1: LC6.5 to LC170A
   Class 2: LC6.5 to LC150A
   Class 3: LC6.5 to LC70A
   Class 4: LC6.5 to LC36A
• Secondary lightning protection per IEC61000-4-5 with
   12 Ohms source impedance:
   Class 1 : LC6.5 to LC90A
   Class 2: LC6.5 to LC45 A
   Class 3: LC6.5 to LC22A
   Class 4: LC6.5 to LC11A
• Secondary lightning protection per IEC61000-4-5 with
   2 Ohms source impedance:
   Class 2: LC6.5 to LC20A
   Class 3: LC6.5 to LC10A
• Inherently radiation hard per Microsemi MicroNote 050




Similar Part No. - LC100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC100 MICROSEMI-LC100 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC100 MICROSEMI-LC100 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC100 NJSEMI-LC100 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC1000B ETC1-LC1000B Datasheet
45Kb / 1P
MATERIALS LETTING DRAINAGE STRUCTURE DETAIL
logo
Microsemi Corporation
LC100A MICROSEMI-LC100A Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
More results


Similar Description - LC100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N6042A MICROSEMI-JAN1N6042A Datasheet
202Kb / 4P
1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N6373 DIGITRON-1N6373 Datasheet
325Kb / 3P
1500 WATT LOW CLAMPING FACTOR TRANSIENT VOLTAGE SUPPRESSOR
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com