Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIC6C596APWJ Datasheet (PDF) - Nexperia B.V. All rights reserved

NPIC6C596APWJ Datasheet PDF - Nexperia B.V. All rights reserved
Part # NPIC6C596APWJ
Download  NPIC6C596APWJ Download
File Size   1647.74 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Power logic 8-bit shift register; open-drain outputs

NPIC6C596APWJ Datasheet (PDF)

Go To PDF Page Download Datasheet
NPIC6C596APWJ Datasheet PDF - Nexperia B.V. All rights reserved

Part # NPIC6C596APWJ
Download  NPIC6C596APWJ Click to download

File Size   1647.74 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Power logic 8-bit shift register; open-drain outputs

NPIC6C596APWJ Datasheet (HTML) - Nexperia B.V. All rights reserved


NPIC6C596APWJ Product details

General description
The NPIC6C596A is an 8-bit serial-in/serial or parallel-out shift register with a storage register and open-drain outputs. Both the shift and storage register have separate clocks.
The device features a serial input (DS) and a serial output (Q7S) to enable cascading and an asynchronous reset MR input. A LOW on MR resets both the shift register and storage register. Data is shifted on the LOW-to-HIGH transitions of the SHCP input. The data in the shift register is transferred to the storage register on a LOW-to-HIGH transition of the STCP input. If both clocks are connected together, the shift register is always one clock pulse ahead of the storage register. To provide additional hold time in cascaded applications, the serial output QS7 is clocked out on the falling edge of SHCP. Data in the storage register drives the gate of the output extended-drain NMOS (EDNMOS) transistor whenever the output enable input (OE) is LOW. A HIGH on OE causes the outputs to assume a high-impedance OFF-state. Operation of the OE input does not affect the state of the registers.
The open-drain outputs are 33 V/100 mA continuous current extended-drain NMOS transistors designed for use in systems that require moderate load power such as LEDs. ntegrated voltage clamps in the outputs provide protection against inductive transients. hese voltage clamps make the device suitable for power driver applications such as elays, solenoids and other low-current or medium-voltage loads.

Features and benefits
 Specified from -40 ℃ to +125 ℃
 Wide supply range 2.3 V to 5.5 V
 Low RDSon
 Eight Power EDNMOS transistor outputs of 100 mA continuous current
 250 mA current limit capability
 Output clamping voltage 33 V
 30 mJ avalanche energy capability
 Enhanced cascading for multiple stages
 All registers cleared with single input
 Low power consumption
 ESD protection:
 HBM JDS-001 Class 2 exceeds 2500 V
 CDM JESD22-C101E exceeds 1000 V

Applications
 LED sign
 Graphic status panel
 Fault status indicator




Similar Part No. - NPIC6C596APWJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NPIC6C596APW-Q100 NEXPERIA-NPIC6C596APW-Q100 Datasheet
1Mb / 20P
Power logic 8-bit shift register; open-drain outputs
More results


Similar Description - NPIC6C596APWJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NPIC6C596A PHILIPS-NPIC6C596A_15 Datasheet
1Mb / 21P
Power logic 8-bit shift register open-drain outputs
Rev. 1-23 October 2013
NPIC6C596A(1) PHILIPS-NPIC6C596A(1)_15 Datasheet
1Mb / 21P
Power logic 8-bit shift register; open-drain outputs
Rev. 1-23 October 2013
NPIC6C596 PHILIPS-NPIC6C596_15 Datasheet
1Mb / 21P
Power logic 8-bit shift register; open-drain outputs
Rev. 2-4 July 2013
NPIC6C595 PHILIPS-NPIC6C595_15 Datasheet
1Mb / 20P
Power logic 8-bit shift register; open-drain outputs
Rev. 1-20 August 2012
logo
Nexperia B.V. All right...
NPIC6C595 NEXPERIA-NPIC6C595 Datasheet
1Mb / 20P
Power logic 8-bit shift register; open-drain outputs
NPIC6C596 NEXPERIA-NPIC6C596 Datasheet
1Mb / 21P
Power logic 8-bit shift register; open-drain outputs
NPIC6C4894 NEXPERIA-NPIC6C4894 Datasheet
981Kb / 21P
Power logic 12-bit shift register; open-drain outputs
NPIC6C596A-Q100 NEXPERIA-NPIC6C596A-Q100 Datasheet
1Mb / 20P
Power logic 8-bit shift register; open-drain outputs
NPIC6C595-Q100 NEXPERIA-NPIC6C595-Q100 Datasheet
283Kb / 19P
Power logic 8-bit shift register; open-drain outputs
Rev. 2 - 9 June 2020
NPIC6C596-Q100 NEXPERIA-NPIC6C596-Q100 Datasheet
281Kb / 18P
Power logic 8-bit shift register; open-drain outputs
Rev. 3 - 22 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com