Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC02-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74VHC02-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74VHC02-Q100
Download  74VHC02-Q100 Download
File Size   703.35 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input NOR gate

74VHC02-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC02-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74VHC02-Q100
Download  74VHC02-Q100 Click to download

File Size   703.35 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input NOR gate

74VHC02-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74VHC02-Q100 Product details

General description
The 74VHC02-Q100; 74VHCT02-Q100 are high-speed Si-gate CMOS devices and are pin compatible with Low-power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard No. 7-A.
The 74VHC02-Q100; 74VHCT02-Q100 provide a quad 2-input NOR function.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications.

Features and benefits
■ Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    ◆ Specified from -40 °C to +85 °C and from -40 °C to +125 °C
■ Balanced propagation delays
■ All inputs have a Schmitt-trigger action
■ Inputs accept voltages higher than VCC
■ Input levels:
    ◆ The 74VHC02-Q100 operates with CMOS input level
    ◆ The 74VHCT02-Q100 operates with TTL input level
■ ESD protection:
    ◆ MIL-STD-883, method 3015 exceeds 2000 V
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
■ Multiple package options




Similar Part No. - 74VHC02-Q100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02 Datasheet
75Kb / 6P
Quad 2-Input NOR Gate
74VHC02 FAIRCHILD-74VHC02 Datasheet
99Kb / 7P
Quad 2-Input NOR Gate
74VHC02 FAIRCHILD-74VHC02 Datasheet
291Kb / 9P
Quad 2-Input NOR Gate
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
229Kb / 11P
QUAD 2-INPUT NOR GATE
12-Nov-2004
More results


Similar Description - 74VHC02-Q100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com