Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSH111BK Datasheet (PDF) - Nexperia B.V. All rights reserved

BSH111BK Datasheet PDF - Nexperia B.V. All rights reserved
Part # BSH111BK
Download  BSH111BK Download
File Size   742.71 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 55 V, N-channel Trench MOSFET

BSH111BK Datasheet (PDF)

Go To PDF Page Download Datasheet
BSH111BK Datasheet PDF - Nexperia B.V. All rights reserved

Part # BSH111BK
Download  BSH111BK Click to download

File Size   742.71 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 55 V, N-channel Trench MOSFET

BSH111BK Datasheet (HTML) - Nexperia B.V. All rights reserved


BSH111BK Product details

General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

Features and benefits
• Low threshold voltage
• Very fast switching
• Trench MOSFET technology
• ElectroStatic Discharge (ESD) protection > 3 kV HBM

Applications
• Relay driver
• High-speed line driver
• Low-side loadswitch
• Switching circuits




Similar Part No. - BSH111BK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH111BK PHILIPS-BSH111BK_15 Datasheet
289Kb / 16P
55 V, N-channel Trench MOSFET
26 November 2014
More results


Similar Description - BSH111BK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110N05-06L VISHAY-SUM110N05-06L Datasheet
59Kb / 5P
N-Channel 55-V (D-S), 175C MOSFET
15-Nov-04
logo
NXP Semiconductors
BSH111BK PHILIPS-BSH111BK_15 Datasheet
289Kb / 16P
55 V, N-channel Trench MOSFET
26 November 2014
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
30 V N-channel Trench MOSFET
14 January 2014
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
PMZB150UNE PHILIPS-PMZB150UNE_15 Datasheet
228Kb / 15P
20 V, N-channel Trench MOSFET
24 March 2015
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
PMXB360ENEA PHILIPS-PMXB360ENEA_15 Datasheet
225Kb / 15P
80 V, N-channel Trench MOSFET
16 September 2013
PMV16XN PHILIPS-PMV16XN_15 Datasheet
263Kb / 15P
20 V, N-channel Trench MOSFET
11 November 2014
PMXB43UNE PHILIPS-PMXB43UNE_15 Datasheet
253Kb / 15P
20 V, N-channel Trench MOSFET
19 September 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com