Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857QAS Datasheet (PDF) - Nexperia B.V. All rights reserved

BC857QAS Datasheet PDF - Nexperia B.V. All rights reserved
Part # BC857QAS
Download  BC857QAS Download
File Size   688.74 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 100 mA PNP/PNP general-purpose transistor

BC857QAS Datasheet (PDF)

Go To PDF Page Download Datasheet
BC857QAS Datasheet PDF - Nexperia B.V. All rights reserved

Part # BC857QAS
Download  BC857QAS Click to download

File Size   688.74 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 100 mA PNP/PNP general-purpose transistor

BC857QAS Datasheet (HTML) - Nexperia B.V. All rights reserved


BC857QAS Product details

General description
PNP/PNP general-purpose transistor in a leadless ultra small DFN1010B-6 (SOT1216) Surface-Mounted Device (SMD) plastic package.

NPN/NPN complement: BC847QAS.
NPN/PNP complement: BC847QAPN.

Features and benefits
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified
• Low package height of 0.37 mm

Applications
• General-purpose switching and amplification
• Mobile applications




Similar Part No. - BC857QAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857QAS PHILIPS-BC857QAS_15 Datasheet
215Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
8 July 2015
More results


Similar Description - BC857QAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB709ART NXP-2PB709ART Datasheet
100Kb / 10P
45 V, 100 mA PNP general-purpose transistor
Rev. 01-19 March 2007
BC847QAPN NXP-BC847QAPN Datasheet
230Kb / 14P
45 V, 100 mA NPN/PNP general-purpose transistor
19 July 2013
BC857QAS PHILIPS-BC857QAS_15 Datasheet
215Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
2PB709ART NEXPERIA-2PB709ART Datasheet
591Kb / 10P
45 V, 100 mA PNP general-purpose transistor
Rev. 01 - 19 March 2007
BC857BSH-Q NEXPERIA-BC857BSH-Q Datasheet
235Kb / 10P
45 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
BC857BSH NEXPERIA-BC857BSH Datasheet
230Kb / 1P
45 V, 100 mA PNP/PNP general-purpose double transistor
19 March 2021
BC857BV NEXPERIA-BC857BV Datasheet
190Kb / 8P
45 V, 100 mA PNP general purpose double transistor
27 December 2022
BC857XQB-Q_SER NEXPERIA-BC857XQB-Q_SER Datasheet
245Kb / 13P
45 V, 100 mA PNP general-purpose transistor
Rev. 4 - 20 September 2021
BC857XQB_SER NEXPERIA-BC857XQB_SER Datasheet
245Kb / 13P
45 V, 100 mA PNP general-purpose transistor
Rev. 4 - 20 September 2021
BC857XQC-Q_SER NEXPERIA-BC857XQC-Q_SER Datasheet
248Kb / 13P
45 V, 100 mA PNP general-purpose transistor
Rev. 1 - 27 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com