Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS5350TH Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS5350TH Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS5350TH
Download  PBSS5350TH Download
File Size   252.39 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 3 A PNP low VCEsat (BISS) transistor

PBSS5350TH Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5350TH Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS5350TH
Download  PBSS5350TH Click to download

File Size   252.39 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 3 A PNP low VCEsat (BISS) transistor

PBSS5350TH Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS5350TH Product details

General description
PNP low VCEsat Breakthrough In Small Signal (BISS) transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.

Features and benefits
• Low collector-emitter saturation voltage VCEsat
• High collector current capability: IC and ICM
• High collector current gain (hFE) at high IC
• Higher efficiency leading to less heat genereation
• High temperature applications up to 175 °C
• AEC-Q101 qualified

Applications
• Power management
• DC-to-DC conversion
• Supply line switches
• Battery charger switches
• Peripheral drivers
• Driver in low supply voltage applications (e.g. lamps and LEDs)
• Inductive load driver




Similar Part No. - PBSS5350TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350T PHILIPS-PBSS5350T Datasheet
86Kb / 10P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5350T PHILIPS-PBSS5350T Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Foshan Blue Rocket Elec...
PBSS5350T FOSHAN-PBSS5350T Datasheet
831Kb / 6P
Silicon PNP transistor in a SOT-23 Plastic Package
logo
Nexperia B.V. All right...
PBSS5350T NEXPERIA-PBSS5350T Datasheet
1Mb / 11P
50 V, 3 A PNP low VCEsat transistor
1 January 2023
logo
Goodwork Semiconductor ...
PBSS5350T GWSEMI-PBSS5350T Datasheet
278Kb / 4P
TRANSISTOR(PNP)
More results


Similar Description - PBSS5350TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350T PHILIPS-PBSS5350T Datasheet
86Kb / 10P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5350X PHILIPS-PBSS5350X Datasheet
107Kb / 11P
50 V, 3 A PNP low VCEsat (BISS) transistor
2003 Nov 21
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
PBSS5350T PHILIPS-PBSS5350T_15 Datasheet
179Kb / 10P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
PBSS5350D PHILIPS-PBSS5350D_15 Datasheet
262Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 6-28 June 2011
logo
Nexperia B.V. All right...
PBSS5360X NEXPERIA-PBSS5360X Datasheet
236Kb / 12P
V, 3 A PNP low VCEsat (BISS) transistor
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
50 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5350Z NEXPERIA-PBSS5350Z Datasheet
249Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
18 November 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com