Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1393 Datasheet (PDF) - Maxim Integrated Products

MAX1393 Datasheet PDF - Maxim Integrated Products
Part # MAX1393
Download  MAX1393 Download
File Size   1036.95 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs

MAX1393 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1393 Datasheet PDF - Maxim Integrated Products

Part # MAX1393
Download  MAX1393 Click to download

File Size   1036.95 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs

MAX1393 Datasheet (HTML) - Maxim Integrated Products


MAX1393 Product details

General Description
The MAX1393/MAX1396 micropower, serial-output, 12-bit, analog-to-digital converters (ADCs) operate with a single power supply from +1.5V to +3.6V. These ADCs feature automatic shutdown, fast wake-up, and a high-speed 3-wire interface. Power consumption is only 0.734mW (VDD = +1.5V) at the maximum conversion rate of 312.5ksps. AutoShutdown™ between conversions reduces power consumption at slower throughput rates.

Features
♦ 312.5ksps, 12-Bit Successive-Approximation Register (SAR) ADCs
♦ Single True-Differential Analog Input Channel with Unipolar-/Bipolar-Select Input (MAX1393)
♦ Dual Single-Ended Input Channel with Channel Select Input (MAX1396)
♦ ±1 LSB INL, ±1 LSB DNL, No Missing Codes
♦ ±2 LSB Total Unadjusted Error (TUE)
♦ 70dB SINAD at 75kHz Input Frequency
♦ External Reference (0.6V to VDD)
♦ Single-Supply Voltage (+1.5V to +3.6V)
♦ 0.915mW at 300ksps, 1.8V
♦ 0.305mW at 100ksps, 1.8V
♦ 3.1µW at 1ksps, 1.8V
♦ < 1µA Shutdown Current
♦ AutoShutdown Between Conversions
♦ SPI-/QSPI-/MICROWIRE-/DSP-Compatible, 3- or 4-Wire Serial Interface
♦ Small (3mm x 3mm) 10-Pin TDFN Package

Applications
    Portable Datalogging
    Data Acquisition
    Medical Instruments
    Battery-Powered Instruments
    Process Control




Similar Part No. - MAX1393

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393 Datasheet
598Kb / 18P
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1393ETB+ MAXIM-MAX1393ETB+ Datasheet
598Kb / 18P
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
More results


Similar Description - MAX1393

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1391 MAXIM-MAX1391 Datasheet
314Kb / 18P
1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1394 MAXIM-MAX1394 Datasheet
314Kb / 18P
1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1391 MAXIM-MAX1391_V01 Datasheet
254Kb / 18P
1.5V to 3.6V, 416ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 8-Bit, SAR ADCs
2009
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com