Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1328A Datasheet (PDF) - Belden Inc.

1328A Datasheet PDF - Belden Inc.
Part # 1328A
Download  1328A Download
File Size   257.45 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 5 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG

1328A Datasheet (PDF)

Go To PDF Page Download Datasheet
1328A Datasheet PDF - Belden Inc.

Part # 1328A
Download  1328A Click to download

File Size   257.45 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 5 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG

1328A Datasheet (HTML) - Belden Inc.




Similar Part No. - 1328A

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1328 YANTEL-1328 Datasheet
78Kb / 2P
Variable RF Inductor
logo
Heyco.
1328 HEYCO-1328 Datasheet
95Kb / 1P
Original Strain Relief Bushings
logo
Adafruit Industries
1328 ADAFRUIT-1328 Datasheet
141Kb / 3P
2.1mm DC Barrel Jack to Alligator Clips
10/5/2015
logo
Weidmuller
1328120000 WEIDMULLER-1328120000 Datasheet
161Kb / 4P
KLIPPON K21 EX RAL7001
logo
PHOENIX CONTACT
1328199 PHOENIX-1328199 Datasheet
198Kb / 4P
SACC-M8FSD-4PL-CL SH PN - Data connector
More results


Similar Description - 1328A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1327A BELDEN-1327A Datasheet
256Kb / 3P
Fieldbus, 2 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1330A BELDEN-1330A Datasheet
258Kb / 3P
Fieldbus, 12 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1331A BELDEN-1331A Datasheet
257Kb / 3P
Fieldbus, 16 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1332A BELDEN-1332A Datasheet
258Kb / 3P
Fieldbus, 20 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1333A BELDEN-1333A Datasheet
258Kb / 3P
Fieldbus, 24 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1359A BELDEN-1359A Datasheet
260Kb / 4P
Fieldbus, 50 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1362A BELDEN-1362A Datasheet
257Kb / 3P
Fieldbus, 5 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1364A BELDEN-1364A Datasheet
255Kb / 3P
Fieldbus, 12 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1365A BELDEN-1365A Datasheet
256Kb / 3P
Fieldbus, 16 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1366A BELDEN-1366A Datasheet
258Kb / 3P
Fieldbus, 20 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com