Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2116A Datasheet (PDF) - Belden Inc.

2116A Datasheet PDF - Belden Inc.
Part # 2116A
Download  2116A Download
File Size   256.42 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 24 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG

2116A Datasheet (PDF)

Go To PDF Page Download Datasheet
2116A Datasheet PDF - Belden Inc.

Part # 2116A
Download  2116A Click to download

File Size   256.42 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 24 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG

2116A Datasheet (HTML) - Belden Inc.




Similar Part No. - 2116A

ManufacturerPart #DatasheetDescription
logo
Heyco.
2116 HEYCO-2116 Datasheet
133Kb / 1P
Snap Bushings
logo
Adafruit Industries
2116 ADAFRUIT-2116 Datasheet
93Kb / 2P
Universal Qi Wireless Charging Module - 20mm Forward MicroUSB
logo
VISATON GmbH & Co. KG
2116 VISATON-2116 Datasheet
170Kb / 2P
Breitbandlautsprecher
11/2004
logo
WAGO Kontakttechnik Gmb...
2116-1201 WAGO-2116-1201 Datasheet
683Kb / 14P
2-conductor through terminal block; with lever and Push-in CAGE CLAMP짰
24.11.2021
2116-1207 WAGO-2116-1207 Datasheet
708Kb / 14P
2-conductor ground terminal block; with lever and Push-in CAGE CLAMP짰
24.11.2021
More results


Similar Description - 2116A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2105A BELDEN-2105A Datasheet
257Kb / 3P
Fieldbus, 16 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2107A BELDEN-2107A Datasheet
256Kb / 3P
Fieldbus, 24 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2109A BELDEN-2109A Datasheet
255Kb / 3P
Fieldbus, 1 Pr #16 Str TC, XLPO Ins, OS, TPE Jkt, CMG
2110A BELDEN-2110A Datasheet
256Kb / 3P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2111A BELDEN-2111A Datasheet
256Kb / 3P
Fieldbus, 5 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2112A BELDEN-2112A Datasheet
256Kb / 3P
Fieldbus, 8 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2113A BELDEN-2113A Datasheet
257Kb / 3P
Fieldbus, 12 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2114A BELDEN-2114A Datasheet
255Kb / 3P
Fieldbus, 16 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2115A BELDEN-2115A Datasheet
256Kb / 3P
Fieldbus, 20 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
2117A BELDEN-2117A Datasheet
257Kb / 3P
Fieldbus, 36 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, CMG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com