Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G19-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G19-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G19-Q100
Download  74LVC1G19-Q100 Download
File Size   758.83 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-of-2 decoder/demultiplexer

74LVC1G19-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G19-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G19-Q100
Download  74LVC1G19-Q100 Click to download

File Size   758.83 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-of-2 decoder/demultiplexer

74LVC1G19-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G19-Q100 Product details

General description
The 74LVC1G19-Q100 is a 1-of-2 decoder/demultiplexer with a common output enable. This device buffers the data on input A and passes it to the outputs 1Y (true) and 2Y (complement) when the enable (E) input signal is LOW.
Inputs can be driven from either 3.3 V or 5 V devices. These features allow the use of these devices in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications.

Features and benefits
■ Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    ◆ Specified from -40 °C to +85 °C and from -40 °C to +125 °C
■ Wide supply voltage range from 1.65 V to 5.5 V
■ 5 V tolerant inputs for interfacing with 5 V logic
■ High noise immunity
■ Complies with JEDEC standard:
    ◆ JESD8-7 (1.65 V to 1.95 V)
    ◆ JESD8-5 (2.3 V to 2.7 V)
    ◆ JESD8B/JESD36 (2.7 V to 3.6 V)
■ ESD protection:
    ◆ MIL-STD-883, method 3015 exceeds 2000 V
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
■ +24 mA output drive (VCC = 3.0 V)
■ CMOS low power consumption
■ Latch-up performance exceeds 250 mA
■ Direct interface with TTL levels
■ Inputs accept voltages up to 5 V




Similar Part No. - 74LVC1G19-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19GF NXP-74LVC1G19GF Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
74LVC1G19GF NXP-74LVC1G19GF Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
More results


Similar Description - 74LVC1G19-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
1-of-2 decoder/demultiplexer
2004 Oct 18
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
1-OF-2 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Texas Instruments
SN74AUC1G19 TI-SN74AUC1G19_1 Datasheet
752Kb / 17P
1-OF-2 DECODER/DEMULTIPLEXER
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com