Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSS-60MD Datasheet (PDF) - SHINMEI ELECTRIC CO., LTD.

SSS-60MD Datasheet PDF - SHINMEI ELECTRIC CO., LTD.
Part # SSS-60MD
Download  SSS-60MD Download
File Size   81.85 Kbytes
Page   3 Pages
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.
Description Body height 1.6mm, Compact-sized Surface-mounting Type Rotary-Switches

SSS-60MD Datasheet (PDF)

Go To PDF Page Download Datasheet
SSS-60MD Datasheet PDF - SHINMEI ELECTRIC CO., LTD.

Part # SSS-60MD
Download  SSS-60MD Click to download

File Size   81.85 Kbytes
Page   3 Pages
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.
Description Body height 1.6mm, Compact-sized Surface-mounting Type Rotary-Switches

SSS-60MD Datasheet (HTML) - SHINMEI ELECTRIC CO., LTD.




Similar Part No. - SSS-60MD

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SSS-61MD SHINMEI-SSS-61MD Datasheet
65Kb / 3P
Body height 1.6mm, Heavy-torque Type Rotary-Switches
SSS-61MD-10-1-T20 SHINMEI-SSS-61MD-10-1-T20 Datasheet
65Kb / 3P
Body height 1.6mm, Heavy-torque Type Rotary-Switches
SSS-62 SHINMEI-SSS-62 Datasheet
72Kb / 3P
Detector Switch
More results


Similar Description - SSS-60MD

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SSS-32MD-T9 SHINMEI-SSS-32MD-T9 Datasheet
219Kb / 5P
Body height 2.45mm, Compact-sized Surface-mounting Type Encoders
SSS-61MD SHINMEI-SSS-61MD Datasheet
65Kb / 3P
Body height 1.6mm, Heavy-torque Type Rotary-Switches
TSW-3 SHINMEI-TSW-3 Datasheet
321Kb / 8P
Body Height 1.5mm, Compact-sized Double Action Type Tactile Switches
TSW-7 SHINMEI-TSW-7 Datasheet
184Kb / 3P
Height 1.4mm, Ultra-compact Sized Side Push Type Tactile Switches
TSW-8 SHINMEI-TSW-8 Datasheet
212Kb / 5P
Body Height 1.4mm, Ultra-compact Sized Tactile Switches
TSW-10 SHINMEI-TSW-10 Datasheet
272Kb / 5P
Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
TSW-15 SHINMEI-TSW-15 Datasheet
182Kb / 4P
Body Height 0.75mm, Compact-sized Double Action Type Tactile Switches
TSW-16 SHINMEI-TSW-16 Datasheet
78Kb / 2P
6.0x6.0mm Compact Sized Tactile Switches
TSW-24 SHINMEI-TSW-24 Datasheet
109Kb / 4P
Body Height 0.75mm, Compact-sized Double Action Type Tactile Switches
TSW-31 SHINMEI-TSW-31 Datasheet
102Kb / 2P
Height 0.9mm, Compact Sized Side Push Type Tactile Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com