Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0300 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-0300 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-0300
Download  HCPL-0300 Download
File Size   513.35 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 8 MBd Low Input Current Optocoupler

HCPL-0300 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-0300 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-0300
Download  HCPL-0300 Click to download

File Size   513.35 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 8 MBd Low Input Current Optocoupler

HCPL-0300 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-0300 Product details

Description

The HCPL-2300/HCPL-0300 optocoupler combines an 820 nm AlGaAs photon emitting diode with an integrated high gain photon detector. This combination of Agilent designed and manufactured semiconductor devices brings new high performance capabilities to designers of isolated logic and data communication circuits.

The new low current, high speed AlGaAs emitter manufactured with a unique diffused junction, has the virtue of fast rise and fall times at low drive currents.

Figure 6 illustrates the propagation delay vs. input current characteristic. These unique characteristics enable this device to be used in an RS-232-C interface with ground loop isolation and improved common mode rejection. As a line receiver, the HCPL-2300/HCPL-0300 will operate over longer line lengths for a given data rate because of lower IF and VF specifications.



Features

• Guaranteed Low Thresholds:

   IF = 0.5 mA, VF ≤ 1.5 V

• High Speed: Guaranteed 5 MBd over Temperature

• Versatile: Compatible with TTL, LSTTL and CMOS

• Efficient 820 nm AlGaAs LED

• Internal Shield for Guaranteed Common Mode Rejection

• Schottky Clamped, Open Collector Output with Optional Integrated Pull-Up Resistor

• Static and Dynamic Performance Guaranteed from -40°C to 85°C

• Safety Approval

   UL Recognized -3750 V rms for 1 minute

   CSA Approved

   IEC/EN/DIN EN 60747-5-2

   Approved with VIORM = 630

   V peak (Option 060)

  

Applications

• Ground Loop Elimination

• Computer-Peripheral Interfaces

• Level Shifting

• Microprocessor System Interfaces

• Digital Isolation for A/D, D/A Conversion

• RS-232-C Interface

• High Speed, Long Distance Isolated Line Receiver



 




Similar Part No. - HCPL-0300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0300 AVAGO-HCPL-0300 Datasheet
300Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-0300 AVAGO-HCPL-0300 Datasheet
328Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-0300 AVAGO-HCPL-0300 Datasheet
328Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-0300 AVAGO-HCPL-0300 Datasheet
328Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
8 MBd Low Input Current Optocoupler
More results


Similar Description - HCPL-0300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
LOW CURRENT INPUT MINI OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-2300-360E AVAGO-HCPL-2300-360E Datasheet
328Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
8 MBd Low Input Current Optocoupler
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com