Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA837TF Datasheet (PDF) - NEC

UPA837TF Datasheet PDF - NEC
Part # UPA837TF
Download  UPA837TF Download
File Size   18.02 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TWIN TRANSISTOR

UPA837TF Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA837TF Datasheet PDF - NEC

Part # UPA837TF
Download  UPA837TF Click to download

File Size   18.02 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TWIN TRANSISTOR

UPA837TF Datasheet (HTML) - NEC


UPA837TF Product details

DESCRIPTION
The UPA837TF contains one NE686 and one NE688 NPN high frequency silicon bipolar chip. NECs new low profile TF package is ideal for all portable wireless applications where reducing component height is a prime consideration. Each transistor chip is independently mounted and easily configured for oscillator/buffer amplifier and other applications.

FEATURES
• SMALL PACKAGE OUTLINE:
   SOT-363 package measures just 2.0 mm x 1.25 mm
• LOW HEIGHT PROFILE:
   Just 0.60 mm high
• TWO DIFFERENT DIE TYPES:
   Q1 - Ideal oscillator transistor
   Q2 - Ideal buffer amplifier transistor




Similar Part No. - UPA837TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA831 NEC-UPA831 Datasheet
79Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
logo
California Eastern Labs
UPA831TC CEL-UPA831TC Datasheet
16Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
NEC
UPA831TC-T1 NEC-UPA831TC-T1 Datasheet
79Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
logo
California Eastern Labs
UPA831TC-T1 CEL-UPA831TC-T1 Datasheet
16Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results


Similar Description - UPA837TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TF NEC-UPA836TF Datasheet
79Kb / 11P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
California Eastern Labs
UPA831TC CEL-UPA831TC Datasheet
16Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
NEC
UPA821TF NEC-UPA821TF Datasheet
40Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA833TF NEC-UPA833TF_99 Datasheet
77Kb / 11P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
Silicon NPN Epitaxial Twin Transistor
HTT1213E RENESAS-HTT1213E Datasheet
144Kb / 4P
Silicon NPN Epitaxial Twin Transistor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com