Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD5702 Datasheet (PDF) - California Eastern Labs

UPD5702 Datasheet PDF - California Eastern Labs
Part # UPD5702
Download  UPD5702 Download
File Size   176.33 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 2.4 GHz Si LD MOS POWER AMPLIFIER

UPD5702 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD5702 Datasheet PDF - California Eastern Labs

Part # UPD5702
Download  UPD5702 Click to download

File Size   176.33 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 2.4 GHz Si LD MOS POWER AMPLIFIER

UPD5702 Datasheet (HTML) - California Eastern Labs


UPD5702 Product details

3V OPERATION SILICON LDMOSFET RF POWER AMPLIFIER INTEGRATED CIRCUIT
FOR 1.9 GHz PHS AND 2.4 GHz APPLICATIONS

DESCRIPTION
The µPD5702TU is a silicon laterally diffused (LD) MOSFET IC designed for use as power amplifier 1.9 GHz PHS and 2.4 GHz applications. This IC consists of two stage amplifiers. The device is packaged in surface mount 8 pin L2MM (Lead Less Mini Mold) plastic package.

FEATURES
• Output Power : Pout = +21 dBm MIN. @Pin = −5 dBm, f = 1.9 GHz, VDS = 3.0 V
: Pout = +21 dBm MIN. @Pin = +2 dBm, f = 2.45 GHz, VDS = 3.0 V
• Single Supply voltage : VDS = 3.0 V TYP.
• Packaged in 8-pin Lead-Less Minimold (2.0 x 2.2 x 0.5mm) suitable for high-density surface mounting.

APPLICATIONS
• 1.9 GHz applications (Example : PHS etc.)
• 2.4 GHz applications (Example : Wireless LAN etc.)TI




Similar Part No. - UPD5702

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD5702TU RENESAS-UPD5702TU Datasheet
231Kb / 13P
Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
2003
logo
California Eastern Labs
UPD5702TU-A CEL-UPD5702TU-A Datasheet
391Kb / 10P
Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD5702TU-E2 RENESAS-UPD5702TU-E2 Datasheet
231Kb / 13P
Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
2003
logo
California Eastern Labs
UPD5702TU-E2-A CEL-UPD5702TU-E2-A Datasheet
391Kb / 10P
Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
More results


Similar Description - UPD5702

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
List of Unclassifed Man...
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
logo
NEC
NE5511279A-T1 NEC-NE5511279A-T1 Datasheet
99Kb / 3P
NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
2.4-2.5 GHz Power Amplifier
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
logo
California Eastern Labs
NE5511279A-A CEL-NE5511279A-A Datasheet
297Kb / 4P
NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
2.4 GHz Power Amplifier
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com