Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-8100 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-8100 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-8100
Download  HCPL-8100 Download
File Size   266.33 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Current Line Driver

HCPL-8100 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-8100 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-8100
Download  HCPL-8100 Click to download

File Size   266.33 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Current Line Driver

HCPL-8100 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-8100 Product details

Description
The HCPL-8100 and HCPL- 0810 are low-cost high current line drivers. With a 5 V single supply, they deliver up to 1 APP current. This is ideal for high current applications such as a Powerline modem.

Features
• 1 APP driving current
• 3.5 MHz gain bandwidth product
• − 60 dB maximum harmonic distortion
• Load detection function
• Under-voltage detection
• Over-temperature shutdown
• 5 V single supply
• Temperature range: −40°C to +85°C
• Suitable for FCC Part 15 and EN50065-1 compliant design

Applications
• Automatic meter reading (AMR)
• Powerline modem
• General purpose line driver
• Signal conditioning
• Digital-to-analog converter buffers




Similar Part No. - HCPL-8100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-8100 AVAGO-HCPL-8100 Datasheet
473Kb / 10P
High Current Line Driver
More results


Similar Description - HCPL-8100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016 AD-AD8016 Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV. B
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-0820 AVAGO-ACPL-0820 Datasheet
390Kb / 10P
High Current Dual Line-Driver IC 1.5 APP driving current
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
Low Power, High Output Current xDSL Line Driver
REV. C
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
Wideband, Differential, High Output Current Line Driver with Shutdown
Rev. 0
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-8100 AVAGO-HCPL-8100 Datasheet
473Kb / 10P
High Current Line Driver
logo
Analog Devices
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
Wideband, Differential, High Output Current Line Driver with Shutdown
4/2017-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX44211 MAXIM-MAX44211_V01 Datasheet
653Kb / 15P
High-Current Differential Line Driver for Powerline Communications
2017
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com