Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HCT163 Datasheet (PDF) - Silicon Supplies

54HCT163 Datasheet PDF - Silicon Supplies
Part # 54HCT163
Download  54HCT163 Download
File Size   550.26 Kbytes
Page   9 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS TTL Input

54HCT163 Datasheet (PDF)

Go To PDF Page Download Datasheet
54HCT163 Datasheet PDF - Silicon Supplies

Part # 54HCT163
Download  54HCT163 Click to download

File Size   550.26 Kbytes
Page   9 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS TTL Input

54HCT163 Datasheet (HTML) - Silicon Supplies


54HCT163 Product details

Programmable 4–bit counter with synchronous reset in bare die form

Description
The 54HCT163 programmable synchronous 4-bit decade
and binary counter is fabricated using a 2.5μm 5V CMOS
process with the same high speed performance of LSTTL
combined with CMOS low power consumption. Clock
input is active on the rising edge. Both load (SPE) and
clear (MR) inputs are active low. Presetting is synchronous
on rising clock edge. Two enable inputs (TE and PE) and
ripple carry output (TC) are provided to enable easy
cascading of counters, facilitating simple implementation
of N-bit counters without use of external gates. Device
inputs directly accept LSTTL or CMOS. All inputs are
protected against ESD and excess voltage transients.

Features:
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1μA
TTL / CMOS compatible Input Levels
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 4.5V to 5.5V
Function compatible with 54LS163
Full Military Temperature Range.




Similar Part No. - 54HCT163

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HCT163 SS-54HCT163 Datasheet
546Kb / 9P
High Speed CMOS TTL Input
54HCT163 SS-54HCT163 Datasheet
391Kb / 9P
High Speed CMOS TTL Input
Rev 1.0 06/06/19
54HCT163 SS-54HCT163_V01 Datasheet
391Kb / 9P
High Speed CMOS TTL Input
Rev 1.0 06/06/19
More results


Similar Description - 54HCT163

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74HCT00 SS-74HCT00 Datasheet
502Kb / 5P
High Speed CMOS TTL Input
74HCT04 SS-74HCT04 Datasheet
506Kb / 5P
High Speed CMOS TTL Input
74HCT86 SS-74HCT86 Datasheet
606Kb / 5P
High Speed CMOS TTL Input
54HCT00 SS-54HCT00 Datasheet
367Kb / 5P
High Speed CMOS TTL Input
54HCT04 SS-54HCT04 Datasheet
373Kb / 5P
High Speed CMOS TTL Input
54HCT86 SS-54HCT86 Datasheet
472Kb / 5P
High Speed CMOS TTL Input
54HCT373 SS-54HCT373 Datasheet
325Kb / 7P
High Speed CMOS TTL Input
74HCT00 SS-74HCT00_V01 Datasheet
565Kb / 5P
High Speed CMOS TTL Input
74HCT163 SS-74HCT163 Datasheet
546Kb / 9P
High Speed CMOS TTL Input
54HCT86 SS-54HCT86_V01 Datasheet
538Kb / 5P
High Speed CMOS TTL Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com