Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO1505238 Datasheet (PDF) - Schneider Electric

QO1505238 Datasheet PDF - Schneider Electric
Part # QO1505238
Download  QO1505238 Download
File Size   81.25 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in

QO1505238 Datasheet (PDF)

Go To PDF Page Download Datasheet
QO1505238 Datasheet PDF - Schneider Electric

Part # QO1505238
Download  QO1505238 Click to download

File Size   81.25 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in

QO1505238 Datasheet (HTML) - Schneider Electric




Similar Part No. - QO1505238

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO150 SCHNEIDER-QO150 Datasheet
105Kb / 3P
QO mini breaker, 50 A, 1 pole, 120/240 V, 10 kA, plug in
Dec 6, 2019
QO1501021 SCHNEIDER-QO1501021 Datasheet
138Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 20, 2019
QO1501042 SCHNEIDER-QO1501042 Datasheet
130Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 20, 2019
QO1501200 SCHNEIDER-QO1501200 Datasheet
125Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO1502100 SCHNEIDER-QO1502100 Datasheet
124Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Plug in, Alarm Switch
Dec 20, 2019
More results


Similar Description - QO1505238

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO1205264 SCHNEIDER-QO1205264 Datasheet
125Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Plug in
QO140 SCHNEIDER-QO140 Datasheet
105Kb / 3P
Mini CB, QO, 40 A, 1P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO1155237 SCHNEIDER-QO1155237 Datasheet
108Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO1105237 SCHNEIDER-QO1105237 Datasheet
109Kb / 2P
Mini CB, QO, 10 A, 1P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO150VH SCHNEIDER-QO150VH Datasheet
126Kb / 3P
Mini CB, QO, 50 A, 1P, 120/240 V, 22 kA, Plug in
QO1205219 SCHNEIDER-QO1205219 Datasheet
100Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Plug in
Dec 16, 2019
QO115C SCHNEIDER-QO115C Datasheet
119Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Plug in
QO140C SCHNEIDER-QO140C Datasheet
62Kb / 2P
Mini CB, QO, 40 A, 1P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
QO11035 SCHNEIDER-QO11035 Datasheet
108Kb / 2P
Mini CB, QO, 10 A, 1P, 120/240 V, 10 kA, Plug in,
QO1155226 SCHNEIDER-QO1155226 Datasheet
57Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Plug in
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com