Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2042A Datasheet (PDF) - Alliance Semiconductor Corporation

P2042A Datasheet PDF - Alliance Semiconductor Corporation
Part # P2042A
Download  P2042A Download
File Size   353.22 Kbytes
Page   8 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description LCD Panel EMI Reduction IC

P2042A Datasheet (PDF)

Go To PDF Page Download Datasheet
P2042A Datasheet PDF - Alliance Semiconductor Corporation

Part # P2042A
Download  P2042A Click to download

File Size   353.22 Kbytes
Page   8 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description LCD Panel EMI Reduction IC

P2042A Datasheet (HTML) - Alliance Semiconductor Corporation


P2042A Product details

Product Description
The P2042A is a versatile spread spectrum frequency modulator designed specifically for digital flat panel applications. The P2042A reduces electromagnetic interference (EMI) at the clock source, allowing system wide reduction of EMI of down stream clock and data dependent signals. The P2042A allows significant system cost savings by reducing the number of circuit board layers ferrite beads, shielding and other passive components that are traditionally required to pass EMI regulations.

Features
▪ FCC approved method of EMI attenuation.
▪ Provides up to 15dB of EMI suppression.
▪ Generates a low EMI spread spectrum clock of the input frequency.
▪ Input frequency range: 30MHz to 110MHz.
▪ Optimized for 32.5MHz, 54MHz, 65MHz and 108MHz pixel clock frequencies.
▪ Internal loop filter minimizes external components and board space.
▪ Eight selectable high spread ranges up to ± 1.9%.
▪ SSON# control pin for spread spectrum enable and disable options.
▪ Low cycle-to-cycle jitter.
▪ 3.3V ± 0.3V operating range.
▪ Low power CMOS design.
▪ Supports most mobile graphic accelerator and LCD timing controller specifications.
▪ Available in 8-pin SOIC and TSSOP Packages.

Applications
    The P2042A is targeted towards digital flat panel applications for notebook PCs, palm-size PCs, office automation equipments and LCD monitors.




Similar Part No. - P2042A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2042A PULSECORE-P2042A Datasheet
354Kb / 8P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A Datasheet
349Kb / 9P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
PulseCore Semiconductor
P2042AF-08SR PULSECORE-P2042AF-08SR Datasheet
354Kb / 8P
LCD Panel EMI Reduction IC
P2042AF-08SR PULSECORE-P2042AF-08SR Datasheet
349Kb / 9P
LCD Panel EMI Reduction IC
More results


Similar Description - P2042A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
LCD Panel EMI Reduction IC
P2040A PULSECORE-P2040A Datasheet
356Kb / 9P
LCD Panel EMI Reduction IC
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
LCD Panel EMI Reduction IC
P2040C PULSECORE-P2040C Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A Datasheet
354Kb / 8P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A_1 Datasheet
349Kb / 9P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com