Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20100CT Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

MBRF20100CT Datasheet PDF - Thinki Semiconductor Co., Ltd.
Part # MBRF20100CT
Download  MBRF20100CT Download
File Size   415.67 Kbytes
Page   2 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 20 Ampere Insulated Dual Common Cathode Schottky Half Bridge Rectifiers

MBRF20100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF20100CT Datasheet PDF - Thinki Semiconductor Co., Ltd.

Part # MBRF20100CT
Download  MBRF20100CT Click to download

File Size   415.67 Kbytes
Page   2 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 20 Ampere Insulated Dual Common Cathode Schottky Half Bridge Rectifiers

MBRF20100CT Datasheet (HTML) - Thinki Semiconductor Co., Ltd.


MBRF20100CT Product details

Features
✧ Plastic material used carries Underwriters Laboratory
   Classifications 94V-0
✧ Metal silicon junction, majority carrier conduction
✧ Low power loss, high efficiency
✧ High current capability, low forward voltage drop
✧ High surge capability
✧ For use in low voltage, high frequency inverters, free
   wheeling, and polarity protection applications
✧ Guardring for overvoltage protection
✧ High temperature soldering guaranteed:
   260°C/10 seconds,0.25”(6.35mm)from case

Mechanical Data
✧ Cases: Section Copper Strip TO-220FP
✧ Terminals: Pure tin plated, lead free. solderable per
   MIL-STD-750, Method 2026
✧ Polarity: As marked
✧ Mounting position: Any
✧ Mounting torque: 5 in. - lbs. max
✧ Weight: 0.08 ounce, 2.24 grams




Similar Part No. - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20100CT MOTOROLA-MBRF20100CT Datasheet
83Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
logo
Micro Commercial Compon...
MBRF20100CT MCC-MBRF20100CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBRF20100CT VISHAY-MBRF20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Taiwan Semiconductor Co...
MBRF20100CT TSC-MBRF20100CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF20100CT TSC-MBRF20100CT Datasheet
122Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FML22S THINKISEMI-FML22S Datasheet
673Kb / 2P
10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FMU22S THINKISEMI-FMU22S Datasheet
673Kb / 2P
10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FMX22S THINKISEMI-FMX22S Datasheet
674Kb / 2P
10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
DFR10A20CT THINKISEMI-DFR10A20CT Datasheet
678Kb / 2P
10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
MURF3020CT THINKISEMI-MURF3020CT Datasheet
779Kb / 2P
30 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
ESAC25M-02C THINKISEMI-ESAC25M-02C Datasheet
668Kb / 2P
10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
ESAD25M-02C THINKISEMI-ESAD25M-02C Datasheet
256Kb / 2P
16 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
MBRF10100CTR THINKISEMI-MBRF10100CTR Datasheet
724Kb / 2P
10 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF20100CA THINKISEMI-MBRF20100CA Datasheet
446Kb / 2P
20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF20100CA THINKISEMI-MBRF20100CA_V01 Datasheet
427Kb / 2P
20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com