Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6655 Datasheet (PDF) - Maxim Integrated Products

MAX6655 Datasheet PDF - Maxim Integrated Products
Part # MAX6655
Download  MAX6655 Download
File Size   255.58 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors

MAX6655 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6655 Datasheet PDF - Maxim Integrated Products

Part # MAX6655
Download  MAX6655 Click to download

File Size   255.58 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors

MAX6655 Datasheet (HTML) - Maxim Integrated Products


MAX6655 Product details

General Description

The MAX6655/MAX6656 are precise voltage and temperature monitors. The digital thermometer reports the temperature of two remote sensors and its own die temperature. The remote sensors are diode-connected transistors—typically a low-cost, easily mounted 2N3906 PNP type—that replace conventional thermis tors or thermocouples. Remote accuracy is ±1°C for multiple transistor manufacturers with no calibration necessary. The remote channels can also measure the

die temperature of other ICs, such as microprocessors, that contain a substrate-connected PNP with its collector grounded and its base and emitter available for temperature-sensing purposes. The temperature is digitized with 11-bit resolution.



Features

♦Three Temperature Channels Two Remote PN Junctions One Local Sensor

♦Four Voltage Channels

+12V, +5V, +3.3V, +2.5V

Three External Monitors

One Internal Supply Monitor

♦11-Bit, 0.125°C Resolution

♦High Accuracy: ±1°C Over +60°C to +100°C Temperature Range

♦Programmable Under/Over-Threshold Alarms

♦Programmable Power-Saving Mode

♦No Calibration Required

♦SMBus/I2C-Compatible Interface




Similar Part No. - MAX6655

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655 Datasheet
366Kb / 18P
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
MAX6655 MAXIM-MAX6655 Datasheet
158Kb / 6P
Programmable Alarms and Configuration
Rev 0; 11/01
MAX6655EVKIT MAXIM-MAX6655EVKIT Datasheet
158Kb / 6P
Programmable Alarms and Configuration
Rev 0; 11/01
MAX6655EVSYS MAXIM-MAX6655EVSYS Datasheet
158Kb / 6P
Programmable Alarms and Configuration
Rev 0; 11/01
MAX6655MEE MAXIM-MAX6655MEE Datasheet
366Kb / 18P
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
More results


Similar Description - MAX6655

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668 Datasheet
285Kb / 17P
Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_06 Datasheet
366Kb / 18P
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX1668 MAXIM-MAX1668_03 Datasheet
514Kb / 17P
Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com