Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4066 Datasheet (PDF) - ON Semiconductor

4066 Datasheet PDF - ON Semiconductor
Part # 4066
Download  4066 Download
File Size   276.69 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Analog Switch/Quad Multiplexer

4066 Datasheet (PDF)

Go To PDF Page Download Datasheet
4066 Datasheet PDF - ON Semiconductor

Part # 4066
Download  4066 Click to download

File Size   276.69 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Analog Switch/Quad Multiplexer

4066 Datasheet (HTML) - ON Semiconductor


4066 Product details

The MC14066B consists of four independent switches capable of controlling either digital or analog signals. This quad bilateral switch is useful in signal gating, chopper, modulator, demodulator and CMOS logic implementation. The MC14066B is designed to be pin−for−pin compatible with the MC14016B, but has much lower ON resistance. Input voltage swings as large as the full supply voltage can be controlled via each independent control input.

Features
• Triple Diode Protection on All Control Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Linearized Transfer Characteristics
• Low Noise −12 nV/√Cycle, f ≥1.0 kHz typical
• Pin−for−Pin Replacement for CD4016, CD4016, MC14016B
• For Lower RON, Use The HC4066 High−Speed CMOS Device
• Pb−Free Packages are Available




Similar Part No. - 4066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
4066 NSC-4066 Datasheet
169Kb / 8P
Quad Bilateral Switch
logo
STMicroelectronics
4066 STMICROELECTRONICS-4066 Datasheet
77Kb / 9P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Sep-2001
4066 STMICROELECTRONICS-4066 Datasheet
51Kb / 5P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
logo
Toshiba Semiconductor
4066 TOSHIBA-4066 Datasheet
315Kb / 7P
QUAD BILATERAL SWITCH
logo
Fairchild Semiconductor
4066 FAIRCHILD-4066 Datasheet
106Kb / 9P
Quad Analog Switch
More results


Similar Description - 4066

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com