Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44L11 Datasheet (PDF) - Cirrus Logic

CS44L11 Datasheet PDF - Cirrus Logic
Part # CS44L11
Download  CS44L11 Download
File Size   476.74 Kbytes
Page   34 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Voltage Class-D PWM Headphone Amplifier

CS44L11 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS44L11 Datasheet PDF - Cirrus Logic

Part # CS44L11
Download  CS44L11 Click to download

File Size   476.74 Kbytes
Page   34 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Voltage Class-D PWM Headphone Amplifier

CS44L11 Datasheet (HTML) - Cirrus Logic


CS44L11 Product details

Description

The CS44L11 is a complete stereo digital-to-PWM Class-D audio amplifier system controller including interpolation, volume control, and a headphone amplifier in a 16-pin TSSOP package.

The CS44L11 architecture uses a direct-to-digital approach that maintains digital signal integrity to the final output filter. This minimizes analog interference effects that can negatively affect system performance.

The CS44L11 contains on-chip digital bass and treble boost, peak signal limiting, and de-emphasis. The PWM amplifier can achieve greater than 90% efficiency. This efficiency leads to longer battery life for portable systems, smaller device package, less heat sink requirements, and smaller power supplies.

The CS44L11 is ideal for portable audio, headphone amplifiers, and mobile phones.



Features

♦ Up to 95 dB Dynamic Range

♦ 1.8 V to 2.4 V Analog and Digital Supplies

♦ Sample Rates up to 96 kHz

♦ Digital Tone Control

   – 3 Selectable HPF and LPF Corner Frequencies

   – 12 dB Boost for Bass and Treble - 1 dB step size

♦ Programmable Digital Volume Control

   – +18 to -96 dB in 1 dB steps

♦ Peak Signal Soft Limiting

♦ De-emphasis for 32 kHz, 44.1 kHz, and 48 kHz

♦ Selectable Outputs for Each Channel, including

   – Channel A: R, L, mono (L + R) / 2, mute

   – Channel B: R, L, mono (L + R) / 2, mute

♦ PWM PopGuard®

♦ 23 mW/Channel into 16 Ω @ 2.4 V



 




Similar Part No. - CS44L11

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44L10 CIRRUS-CS44L10 Datasheet
601Kb / 34P
Digital PWH Headphone Monitor
CS44L10-KZ CIRRUS-CS44L10-KZ Datasheet
601Kb / 34P
Digital PWH Headphone Monitor
More results


Similar Description - CS44L11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8559 PHILIPS-TDA8559 Datasheet
264Kb / 32P
Low-voltage stereo headphone amplifier
1997 Jun 27
logo
New Japan Radio
NJU8721 NJRC-NJU8721 Datasheet
172Kb / 13P
CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
NXP Semiconductors
NE58633 PHILIPS-NE58633 Datasheet
230Kb / 25P
Noise reduction class-D headphone driver amplifier
Rev. 01-22 January 2009
NE58633 NXP-NE58633 Datasheet
259Kb / 27P
Noise reduction class-D headphone driver amplifier
Rev. 02-25 May 2009
logo
Rohm
BU7839GVW ROHM-BU7839GVW Datasheet
691Kb / 16P
Digital Input Hi-Fi Class-D Headphone Amplifier
BU7839GVW ROHM-BU7839GVW_10 Datasheet
392Kb / 16P
Digital Input Class-D Headphone Amplifier
logo
Richtek Technology Corp...
RT9101 RICHTEK-RT9101_11 Datasheet
442Kb / 12P
2.65W PWM Class-D Power Amplifier
logo
Maxim Integrated Produc...
MAX97200A MAXIM-MAX97200A Datasheet
535Kb / 5P
20mW Class G Headphone Amplifier
Rev 0; 2/10
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com