Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4270 Datasheet (PDF) - Cirrus Logic

CS4270 Datasheet PDF - Cirrus Logic
Part # CS4270
Download  CS4270 Download
File Size   730.2 Kbytes
Page   48 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 192 kHz Stereo Audio CODEC

CS4270 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4270 Datasheet PDF - Cirrus Logic

Part # CS4270
Download  CS4270 Click to download

File Size   730.2 Kbytes
Page   48 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 192 kHz Stereo Audio CODEC

CS4270 Datasheet (HTML) - Cirrus Logic


CS4270 Product details

General Description

The CS4270 is a high-performance, integrated audio CODEC. The CS4270 performs stereo analog-to-digital (A/D) and digital-to-analog (D/A) conversion of up to 24-bit serial values at sample rates up to 216 kHz. Standard 50/15 µs de-emphasis is available for sampling rates of 44.1 kHz for compatibility with digital audio programs mastered using the 50/15 µs pre-emphasis technique.

Integrated level translators allow easy interfacing be tween the CS4270 and other devices operating over a wide range of logic levels.

Independently addressable high-pass filters are available for the right and left channel of the A/D. This allows the A/D to be used in a wide variety of applications where one audio channel and one DC measurement channel is desired.



D/A Features

♦ High Performance

   – 105 dB Dynamic Range

   – -95 dB THD+N

♦ Selectable Serial Audio Interface Formats

   – Left-Justified up to 24-bit

   – I²S up to 24-bit

   – Right-Justified 16-, and 24-Bit

♦ Control Output for External Muting

♦ On-Chip Digital De-Emphasis

♦ Popguard® Technology

♦ Multi-bit ∆Σ Conversion

♦ Digital Volume Control

♦ Single-Ended Output



A/D Features

♦ High Performance

   – 105 dB Dynamic Range

   – -95 dB THD+N

♦ Multi-bit ∆Σ Conversion

♦ High-Pass Filter to Remove DC Offsets

♦ Selectable Serial Audio Interface Formats

   – Left-Justified up to 24-bit

   – I²S up to 24-bit

♦ Single-Ended Input



System Features

♦ Direct Interface with Logic Levels 1.8 V to 5 V

♦ Internal Digital Loopback

♦ Stand-Alone or Control Port Functionality

♦ Single-Ended Analog Architecture

♦ Supports all Audio Sample Rates from 4 kHz to 216 kHz

♦ 3.3 V or 5 V Core Supply



Stand-Alone Mode Feature Set

♦ System Features

   – Serial Audio Port Master or Slave Operation

   – Single-, Double-, or Quad-Speed Operation

♦ D/A Features

   – Auto-Mute on Static Samples

   – 44.1 kHz 50/15 µs De-emphasis Available

   – Selectable Serial Audio Interface Formats

      • Left-Justified up to 24-bit

      • I²S up to 24-bit

♦ A/D Features

   – High-Pass Filter

   – Selectable Serial Audio Interface Formats

      • Left-Justified up to 24-bit

      • I²S up to 24-bit



Software Mode Feature Set

♦ System Features

   – Serial Audio Port Master or Slave Operation

   – Internal Digital Loopback Available

♦ D/A Features

   – Selectable Auto-mute

   – 44.1-kHz De-emphasis Filters

   – Configurable Muting Controls

   – Volume Control

   – Selectable Serial Audio Interface Formats

      • Left-Justified up to 24-bit

      • I²S up to 24-bit

      • Right-Justified 16, and 24-bit

♦ A/D Features

   – Selectable High-Pass Filter or DC Offset Calibration

   – Selectable Serial Audio Interface Formats

      • Left-Justified up to 24-bit

      • I²S up to 24-bit



 




Similar Part No. - CS4270

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270-CZZ CIRRUS-CS4270-CZZ Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270-CZZR CIRRUS-CS4270-CZZR Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270-DZZ CIRRUS-CS4270-DZZ Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270-DZZR CIRRUS-CS4270-DZZR Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
More results


Similar Description - CS4270

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com