Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4373 Datasheet (PDF) - Cirrus Logic

CS4373 Datasheet PDF - Cirrus Logic
Part # CS4373
Download  CS4373 Download
File Size   292.16 Kbytes
Page   20 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-power, High-performance Delta-Sigma Test DAC

CS4373 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4373 Datasheet PDF - Cirrus Logic

Part # CS4373
Download  CS4373 Click to download

File Size   292.16 Kbytes
Page   20 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-power, High-performance Delta-Sigma Test DAC

CS4373 Datasheet (HTML) - Cirrus Logic


CS4373 Product details

Description
The CS4373 is a differential output digital-to-analog converter intended for high-resolution, low-frequency measurement systems. It is designed to work with the CS5376A and CS5378 digital filters, the CS3301 and CS3302 high-precision amplifiers, and the CS5371 or CS5372 high-performance ∆Σ modulators

Features
• Digital ∆Σ Input, Differential Analog Output
• Selectable Differential Outputs (OUT±, BUF±)
• Selectable Output Attenuation
    - 1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64
• User-programmable Test Modes
    - Differential
    - Common mode
• Output Voltage: 5 VP-P Differential
• Outstanding Noise Performance
    - 114 dB SNR @ 430 Hz bandwidth
• Low Total Harmonic Distortion
    - OUT±: -118 dB THD typical, -112 dB THD max
    - BUF±: -100 dB THD typical, -95 dB THD max
• Low Power Consumption
    - Normal mode: 7.8 mA
    - Low power mode: 5.0 mA
    - Power down: 400 µA
    - Sleep mode: 2 µA
• Power Supply Options
    - VA+ = +5 V; VA- = 0 V; VD = +3.3 V to +5 V
    - VA+ = +2.5 V; VA- = -2.5 V; VD = +3.3 V




Similar Part No. - CS4373

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4373A CIRRUS-CS4373A Datasheet
759Kb / 34P
Low-power, High-performance Test DAC
CS4373A-ISZ CIRRUS-CS4373A-ISZ Datasheet
759Kb / 34P
Low-power, High-performance Test DAC
More results


Similar Description - CS4373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Jul-2003
logo
Analog Devices
AD7729 AD-AD7729 Datasheet
142Kb / 16P
Dual Sigma-Delta ADC with Auxiliary DAC
REV.0
logo
Cirrus Logic
CS4373A CIRRUS-CS4373A Datasheet
759Kb / 34P
Low-power, High-performance Test DAC
CS5373A CIRRUS-CS5373A Datasheet
863Kb / 40P
Low-power, High-performance Modulator and Test DAC
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Feb-2006
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
Delta/sigma cascade 20 bit stereo DAC
06-Feb-2009
logo
Analog Devices
AD7729ARZ AD-AD7729ARZ Datasheet
134Kb / 16P
Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729 AD-AD7729_15 Datasheet
146Kb / 16P
Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD7729 AD-AD7729_17 Datasheet
177Kb / 17P
Dual Sigma-Delta ADC with Auxiliary DAC
23-Feb-2017
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com